Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37A32 Datasheet(PDF) 9 Page - Texas Instruments

Part # TRF37A32
Description  TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37A32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF37A32_15 Datasheet HTML 5Page - Texas Instruments TRF37A32_15 Datasheet HTML 6Page - Texas Instruments TRF37A32_15 Datasheet HTML 7Page - Texas Instruments TRF37A32_15 Datasheet HTML 8Page - Texas Instruments TRF37A32_15 Datasheet HTML 9Page - Texas Instruments TRF37A32_15 Datasheet HTML 10Page - Texas Instruments TRF37A32_15 Datasheet HTML 11Page - Texas Instruments TRF37A32_15 Datasheet HTML 12Page - Texas Instruments TRF37A32_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TRF37A32, TRF37B32, TRF37C32
www.ti.com
SLASE37A – MAY 2014 – REVISED DECEMBER 2014
7.8 Timing Requirements
MIN
TYP
MAX
UNIT
Power Control
Turn-on Time
PD = low to 90% final output power
100
ns
PD
Turn-off Time
PD = high to initial output power –30 dB
100
ns
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TRF37A32 TRF37B32 TRF37C32


Similar Part No. - TRF37A32_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A32IRTVR TI1-TRF37A32IRTVR Datasheet
1Mb / 36P
[Old version datasheet]   Dual Down Converter Mixer With Integrated IF AMP
TRF37A32IRTVT TI1-TRF37A32IRTVT Datasheet
1Mb / 36P
[Old version datasheet]   Dual Down Converter Mixer With Integrated IF AMP
More results

Similar Description - TRF37A32_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A32 TI1-TRF37A32 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Down Converter Mixer With Integrated IF AMP
logo
NTE Electronics
NTE1578 NTE-NTE1578 Datasheet
21Kb / 2P
   Integrated Circuit FM Mixer/IF Amp
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
NTE Electronics
NTE1487 NTE-NTE1487 Datasheet
19Kb / 2P
   Integrated Circuit AM RF Converter, IF Amp
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
   Integrated Circuit FM/AM IF Amp, AM Converter
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com