Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6030BEUR-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6030BEUR-T
Description  Precision, Low-Power, Low-Dropout,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6030BEUR-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6030BEUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6030BEUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
_______________________________________________________________________________________
5
VOUT
Output Voltage Temperature
Coefficient (Note 2)
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
∆VOUT/
∆IOUT
Guaranteed by line-regulation test
TA = +25°C
Note 4
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
Short to IN
f = 10Hz to 10kHz
f = 0.1Hz to 10Hz
Short to GND
Sinking: -500µA
≤ IOUT ≤ 0
TA = 0°C to +70°C
TA = 0°C to +70°C
(VOUT) +0.2V)
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 500µA
1000hr at TA = +25°C
CONDITIONS
ppm/°C
Load Regulation
µV/µA
µA/V
0.8
2.0
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
nF
02.2
COUT
Capacitive-Load Stability Range
µs
100
tR
Turn-On Settling Time
dB
80
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
150
µVp-p
65
eOUT
Noise Voltage
ppm/
1000hr
50
∆VOUT/
time
Long-Term Stability
2.988
3.000
3.012
V
2.994
3.000
3.006
VOUT
Output Voltage
ppm
130
Temperature Hysteresis
(Note 3)
4
mA
4
ISC
OUT Short-Circuit Current
0.18
0.80
615
625
µV/V
20
150
∆VOUT/
∆VIN
Line Regulation
0.14
0.60
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX6030A
MAX6030B
ELECTRICAL CHARACTERISTICS—MAX6030
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
VIN -
VOUT
IOUT = 500µA
Dropout Voltage
(Note 5)
mV
100
200
MAX6030A
MAX6030B
%
V
%
-0.20
0.20
-0.40
0.40
TA = -40°C to +85°C
TA = -40°C to +85°C
620
630
OUTPUT
DYNAMIC
INPUT


Similar Part No. - MAX6030BEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
More results

Similar Description - MAX6030BEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com