Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3521G-D16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3521G-D16-T
Description  CMOS IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3521G-D16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  3521G-D16-T Datasheet HTML 1Page - Unisonic Technologies 3521G-D16-T Datasheet HTML 2Page - Unisonic Technologies 3521G-D16-T Datasheet HTML 3Page - Unisonic Technologies 3521G-D16-T Datasheet HTML 4Page - Unisonic Technologies 3521G-D16-T Datasheet HTML 5Page - Unisonic Technologies 3521G-D16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3521
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-034. D
PIN CONFIGURATION
V33
V5
V12
PT
GND
CT
C1
C2
VADJ
OPNEGIN
OPOUT
DET
PG
TPG
REM
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PIN DESCRIPTION
PIN NO.
PIN NAME
TYPE
FUNCTIONS
1
V33
I
OVP/UVP Input For 3.3V
2
V5
I
OVP/UVP Input For 5V
3
V12
I
OVP/UVP Input For 12V
4
PT
I
Additional OVP Protection
5
GND
P
Ground
6
CT
Cap FOR Osciilation Frequency
7
C1
O
Output 1
8
C2
O
Output 2
9
REM
I
Remote ON/OFF Pin.
10
TPG
Power Good Delay Time Setting
11
PG
O
Power Good Signal Out.
12
DET
I
Power Good Signal Detection Input
13
VCC
P
Supply Voltage For IC
14
OPOUT
O
OP AMP Output
15
OPNEGIN
I
OP AMP Negative Input
16
VADJ
I
Voltage Adjust Pin


Similar Part No. - 3521G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3521G-D16-T UTC-3521G-D16-T Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
3521G-D16-T UTC-3521G-D16-T Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT
More results

Similar Description - 3521G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com