Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82085SILR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82085SILR
Description  TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82085SILR Datasheet(HTML) 2 Page - Texas Instruments

  TPS82085SILR Datasheet HTML 1Page - Texas Instruments TPS82085SILR Datasheet HTML 2Page - Texas Instruments TPS82085SILR Datasheet HTML 3Page - Texas Instruments TPS82085SILR Datasheet HTML 4Page - Texas Instruments TPS82085SILR Datasheet HTML 5Page - Texas Instruments TPS82085SILR Datasheet HTML 6Page - Texas Instruments TPS82085SILR Datasheet HTML 7Page - Texas Instruments TPS82085SILR Datasheet HTML 8Page - Texas Instruments TPS82085SILR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS82085
SLVSCN4B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes.......................................... 9
1
Features .................................................................. 1
8
Application and Implementation ........................ 10
2
Applications ........................................................... 1
8.1
Application Information............................................ 10
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 10
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 15
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 15
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 15
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 15
6.2
ESD Ratings.............................................................. 4
10.3
Thermal Consideration.......................................... 16
6.3
Recommend Operating Conditions ........................... 4
11
Device and Documentation Support ................. 17
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 17
6.5
Electrical Characteristics.......................................... 5
11.2
Community Resources.......................................... 17
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 17
7
Detailed Description .............................................. 7
11.4
Electrostatic Discharge Caution ............................ 17
7.1
Overview ................................................................... 7
11.5
Glossary ................................................................ 17
7.2
Functional Block Diagram ......................................... 7
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 7
Information ........................................................... 17
4 Revision History
Changes from Revision A (April 2015) to Revision B
Page
Changed the ESD Ratings Charged device model (CDM) From: ±500 V To: ±1000 V......................................................... 4
Changes from Original (October 2014) to Revision A
Page
Changed the data sheet From: 3-page Product Preview To: Production data ..................................................................... 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS82085


Similar Part No. - TPS82085SILR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
More results

Similar Description - TPS82085SILR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI-TPSM82822_V04 Datasheet
3Mb / 39P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82823 TI-TPSM82823_V01 Datasheet
6Mb / 54P
[Old version datasheet]   TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
NOVEMBER 2021
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com