Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6063BEUR-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6063BEUR-T
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6063BEUR-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6063BEUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6063BEUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6061, VOUT = 1.25V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN .........................................................................-0.3V to +13.5V
OUT .............................................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration to GND or IN (VIN < 6V)...Continuous
Output Short-Circuit Duration to GND or IN (VIN
≥ 6V)................60s
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 4.0mW/°C above +70°C)............320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6061A (0.32%)
1.244
1.248
1.252
Output Voltage
VOUT
TA = +25°C
MAX6061B (0.48%)
1.242
1.248
1.254
V
MAX6061A
6
20
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
MAX6061B
6
30
ppm/°C
Line Regulation
∆VOUT/
∆VIN
2.5V
≤ VIN ≥ 12.6V
10
90
µV/V
Sourcing: 0
≤ IOUT ≤ 5mA
0.5
0.9
Load Regulation
∆VOUT/
∆IOUT
Sinking: -2mA
≤ IOUT ≤ 0
1.3
3.0
mV/mA
Short to GND
25
OUT Short-Circuit Current
ISC
Short to IN
25
mA
Long-Term Stability
∆VOUT/
time
1000hr at +25°C62
ppm/
1000hr
Output Voltage Hysteresis (Note 3)
∆VOUT/
cycle
130
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
13
µVp-p
Noise Voltage
eOUT
f = 10Hz to 10kHz
15
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 5V ± 100mV, f = 120Hz
86
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
50
µs
INPUT CHARACTERISTICS
Supply Voltage Range
VIN
Guaranteed by line regulation test
2.5
12.6
V
Quiescent Supply Current
IIN
90
125
µA
Change in Supply Current
∆IIN/
∆VIN
2.5V
≤ VIN ≤ 12.6V
3.4
8.0
µA/V


Similar Part No. - MAX6063BEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606 MAXIM-MAX606 Datasheet
213Kb / 12P
   Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Rev 1; 1/99
MAX606 MAXIM-MAX606 Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 MAX6069AAAWS+* ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com