Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3106-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3106-EP
Description  Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3106-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS3106-EP_15 Datasheet HTML 1Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 2Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 3Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 4Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 5Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 6Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 7Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 8Page - Texas Instruments TPS3106-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Production Data
TPS3103xxx-EP
TPS3106xxx-EP
TPS3110xxx-EP
SLVS686 – OCTOBER 2006
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
Applications Using Low-Power DSPs,
Controlled Baseline
Microcontrollers, or Microprocessors
– One Assembly Site
Portable- and Battery-Powered Equipment
– One Test Site
Intelligent Instruments
– One Fabrication Site
Wireless Communication Systems
Extended Temperature Performance of
Industrial Equipment
–55
°C to 125°C
Notebook/Desktop Computers
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
The TPS310x and TPS311x families of supervisory
Qualification Pedigree (1)
circuits
provide
circuit
initialization
and
timing
Precision Supply Voltage Supervision Range:
supervision, primarily for DSP and processor-based
systems.
0.9 V, 1.2 V, 1.5 V, 1.6 V, 2 V, and 3.3 V
High Trip-Point Accuracy: 0.75%
During power-on, RESET is asserted when the
supply voltage (VDD) becomes higher than 0.4 V.
Supply Current of 1.2
µA (Typ)
Thereafter, the supervisory circuit monitors VDD and
RESET Defined With Input Voltages as Low
keeps the RESET output active as long as VDD
as 0.4 V
remains below the threshold voltage (VIT). An internal
Power-On Reset Generator With a Delay Time
timer delays the return of the output to the inactive
of 130 ms
state to ensure proper system reset. The delay time
starts after VDD has risen above VIT. When VDD drops
Push/Pull or Open-Drain RESET Outputs
below VIT, the output becomes active again.
SOT23-6 Package
All the devices of this family have a fixed-sense
threshold voltage (VIT) set by an internal voltage
divider.
The TPS3103 and TPS3106 have an active-low,
(1)
Component qualification in accordance with JEDEC and
open-drain RESET output. The TPS3110 has an
industry standards to ensure reliable operation over an
active-low push/pull RESET.
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
The
product
spectrum
is
designed
for
supply
temperature cycle, autoclave or unbiased HAST,
voltages of 0.9 V up to 3.3 V. The circuits are
electromigration, bond intermetallic life, and mold compound
available in SOT23-6 packages. The TPS31xx family
life. Such qualification testing should not be viewed as
is characterized for operation over a temperature
justifying use of this component beyond specified
performance and environmental limits.
range of –55
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3106-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3106-EP TI1-TPS3106-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
More results

Similar Description - TPS3106-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Abracon Corporation
AB08X5-RTC ABRACON-AB08X5-RTC Datasheet
627Kb / 33P
   Ultra-low supply current
Revision: C
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
   Ultra Supply Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com