Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3643AYFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3643AYFFR
Description  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3643AYFFR Datasheet(HTML) 1 Page - Texas Instruments

  LM3643AYFFR Datasheet HTML 1Page - Texas Instruments LM3643AYFFR Datasheet HTML 2Page - Texas Instruments LM3643AYFFR Datasheet HTML 3Page - Texas Instruments LM3643AYFFR Datasheet HTML 4Page - Texas Instruments LM3643AYFFR Datasheet HTML 5Page - Texas Instruments LM3643AYFFR Datasheet HTML 6Page - Texas Instruments LM3643AYFFR Datasheet HTML 7Page - Texas Instruments LM3643AYFFR Datasheet HTML 8Page - Texas Instruments LM3643AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
IN
OUT
SW
HWEN
TX
SDA
SCL
GND
1 2H
10 2F
10 2F
STROBE
LED1
Flash
LED
2.5V to 5.5V
Flash
LED
LED2
LM3643
TORCH/TEMP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3643, LM3643A
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
LM3643 Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
1 Features
3 Description
The LM3643 is a dual LED flash driver that provides
1
1.5 A Total Allowed LED Current During Operation
a high level of adjustability within a small solution
(ILED1 + ILED2 = 1.5 A)
size. The LM3643 utilizes a 2-MHz or 4-MHz fixed-
Dual Independent LED Current Source
frequency synchronous boost converter to provide
Programmability
power to the dual 1.5-A constant current LED
sources. The total LED current the LM3643 boost can
Accurate and Programmable LED Current Range
deliver is 1.5 A (ILED1 + ILED2 ). The dual 128 level
from 1.4 mA to 1.5 A
current sources provide the flexibility to adjust the
Optimized Flash LED Current During Low Battery
current ratios between LED1 and LED2 with each
Conditions (IVFM)
driver capable of delivering a maximum of 1.5 A (ex:
> 85% Efficiency in Torch Mode (@ 100 mA) and
ILED1 = 1.5 A and ILED2 = 0FF, ILED1 = 0FF and ILED2 =
Flash Mode (@1 A to 1.5 A)
1.5 A, or a current configuration with a current less
than 1.5 A , ILED1 = 950 mA and ILED2 = 250 mA). An
Grounded Cathode LED Operation for Improved
adaptive regulation method ensures the current
Thermal Management
sources
remain
in
regulation
and
maximizes
Small Solution Size: < 16 mm2
efficiency.
Hardware Strobe Enable (STROBE)
Features of the LM3643 are controlled via an I2C-
Synchronization Input for RF Power Amplifier
compatible
interface.
These
features
include:
Pulse Events (TX)
hardware flash and hardware torch pins (STROBE
Hardware Torch Enable (TORCH/TEMP)
and TORCH/TEMP), a TX interrupt, and an NTC
thermistor monitor. The device offers independently
Remote NTC Monitoring (TORCH/TEMP)
programmable currents in each output leg to drive the
400-kHz I2C-Compatible Interface
LEDs in a Flash or Movie Mode (Torch) condition.
LM3643 (I2C Address = 0x63)
The 2-MHz or 4-MHz switching frequency options,
LM3643A (I2C Address = 0x67)
overvoltage protection (OVP), and adjustable current
limit allow for the use of tiny, low-profile inductors and
2 Applications
(10-µF) ceramic capacitors. The device operates over
a –40°C to 85°C ambient temperature range.
Camera Phone White LED Flash
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3643
DSBGA (12)
1.69 mm x 1.31 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3643AYFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3643AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com