Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3281 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3281
Description  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3281 Datasheet(HTML) 5 Page - Texas Instruments

  LM3281_15 Datasheet HTML 1Page - Texas Instruments LM3281_15 Datasheet HTML 2Page - Texas Instruments LM3281_15 Datasheet HTML 3Page - Texas Instruments LM3281_15 Datasheet HTML 4Page - Texas Instruments LM3281_15 Datasheet HTML 5Page - Texas Instruments LM3281_15 Datasheet HTML 6Page - Texas Instruments LM3281_15 Datasheet HTML 7Page - Texas Instruments LM3281_15 Datasheet HTML 8Page - Texas Instruments LM3281_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM3281
www.ti.com
SNVSA38 – NOVEMBER 2014
6.4 Thermal Information
DSBGA
THERMAL METRIC(1)
YFQ
UNIT
6 PINS
RθJA
(2)
Junction-to-ambient thermal resistance
131.2
RθJC(top)
Junction-to-case (top) thermal resistance
1.7
RθJB
Junction-to-board thermal resistance
25.6
°C/W
ψJT
Junction-to-top characterization parameter
4.7
ψJB
Junction-to-board characterization parameter
25.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
RθJA is not useful for CSP packages because the dominant heat loss mechanism is through the PCB. Instead, RθJB is more useful and
is used.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(4)
3
5.5
V
VOUT
Output voltage measured at FB pin
3.2
3.3
3.4
ISHDN_IN
Total supply current in shutdown
EN = SW = FB = MODE = 0 V,
0.1
1
Steady State
µA
IQ_OL
Quiescent current
No switching
15
25
FOSC
Internal oscillator frequency
5.4
6
6.6
MHz
VIH
EN, MODE pins high level input
1.2
voltage
V
VIL
EN, MODE pins low level input voltage
0.4
IIH
EN, MODE high level input current
1
µA
IIL
EN, MODE low level input current
EN = MODE = 0 V
–1
(1)
All voltages are with respect to the GND pin.
(2)
All characteristics apply to the Simplified Schematic with VIN = 3.8 V, EN = MODE = VIN, at TA = 25°C, device in PWM operation unless
otherwise noted.
(3)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis over the ambient temperature operating
range –30°C to 90°C. Limits are not specified by production testing.
(4)
Device is functional at a minimum VIN = 2.6 V but is specified for operation over the range VIN = 3 V to 5.5 V.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3281


Similar Part No. - LM3281_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results

Similar Description - LM3281_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com