Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX606EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX606EUA
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX606EUA Datasheet HTML 1Page - Maxim Integrated Products MAX606EUA Datasheet HTML 2Page - Maxim Integrated Products MAX606EUA Datasheet HTML 3Page - Maxim Integrated Products MAX606EUA Datasheet HTML 4Page - Maxim Integrated Products MAX606EUA Datasheet HTML 5Page - Maxim Integrated Products MAX606EUA Datasheet HTML 6Page - Maxim Integrated Products MAX606EUA Datasheet HTML 7Page - Maxim Integrated Products MAX606EUA Datasheet HTML 8Page - Maxim Integrated Products MAX606EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.3V, GND = PGND = FB = 0V, SHDN = IN, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
LX, OUT to GND .....................................................-0.3V to +15V
PGND to GND.....................................................................±0.3V
FB to GND ..................................................-0.3V to (VCC + 0.3V)
SS, SHDN to GND ....................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature .......................................................+160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN = 3V to 5.5V. For VFB below this voltage,
output regulates to 12V.
VSHDN = 0 or VIN
3V < VIN < 5V, FB = IN, ILOAD = 0 to 180mA
VIN = 5.5V
VIN = 3V
2V < (VOUT + 0.5V - VIN) < 8V (see Pulse-
Frequency-Modulation Control Scheme section)
3V < VIN < 5.5V
(tON = K / VIN)
VOUT = 13V
VSHDN = VIN, VSS = 150mV
VSHDN = 0, OUT = IN
VLX = 12V
4.5V < VIN < 5.5V, FB = GND, ILOAD = 0 to 120mA
0.1V < VFB < (VIN - 0.1V)
0.1V < VFB < (VIN - 0.1V)
VOUT = 13V
VIN = 3V to 5.5V
VSHDN = VSS = 0
CONDITIONS
V
0.1
FB Input Low Voltage
µA
±1
SHDN Input Current
V
0.66VIN
SHDN Input High Voltage
V
0.25VIN
SHDN Input Low Voltage
0.3
0.7
Switch Off-Time Ratio
3.8
6.0
8.6
µs-A
1.9
3.0
4.3
Switch On-Time Constant (K)
µA
80
OUT Input Current
µA
0.01
10
Shutdown Quiescent Current
150
300
µA
250
500
Quiescent Supply Current
0.5
V
4.8
5.0
5.2
Output Voltage (Note 1)
V
2.4
2.8
V
3.0
5.5
Supply Voltage
Undervoltage Lockout Threshold
k
30
45
60
SS Resistance
A
0.7
1.1
Switch Current Limit
µA
10
Switch Off-Leakage
0.4
1
Switch On-Resistance
11.5
12.0
12.5
V
1.96
2.00
2.04
FB Regulation Setpoint
V
VIN
12.5
Adjustable Output Voltage Range
%
0.5
Line Regulation
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 3V to 5.5V. For VFB above this voltage,
output regulates to 5V.
V
VIN - 0.1
FB Input High Voltage
VFB = 2.05V, VOUT = 13V
nA
200
FB Input Current
MAX606
MAX607
MAX606
MAX607


Similar Part No. - MAX606EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606EVKIT MAXIM-MAX606EVKIT Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
More results

Similar Description - MAX606EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Linear Technology
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
logo
Maxim Integrated Produc...
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com