Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6061BEUR-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6061BEUR-T
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6061BEUR-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6061BEUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6061BEUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6066, VOUT = 2.500V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
MAX6066B (0.4%)
MAX6066A (0.2%)
TA = +25°C
V
2.495
2.500
2.505
VOUT
Output Voltage
MAX6066B
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
MAX6066A
Guaranteed by line-regulation test
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
1000hr at +25°C
Short to IN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 5mA
Sinking: -2mA
≤ IOUT ≤ 0
f = 10Hz to 10kHz
Short to GND
f = 0.1Hz to 10Hz
CONDITIONS
µA/V
3.3
8.0
IIN/VIN
Change in Supply Current
µA
90
125
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
VIN
Supply Voltage Range
µs
115
tR
Turn-On Settling Time
dB
86
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
30
µVp-p
27
eOUT
Noise Voltage
630
ppm/°C
620
TCVOUT
2.490
2.500
2.510
Output Voltage Temperature
Coefficient (Note 2)
ppm
130
∆VOUT/
cycle
Output Voltage Hysteresis
(Note 3)
ppm/
1000hr
62
∆VOUT/
time
Long-Term Stability
25
µV/V
60
300
∆VOUT/
∆VIN
Line Regulation
mV/mA
0.5
0.9
∆VOUT/
∆IOUT
Load Regulation
1.6
5
mA
25
ISC
OUT Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1mA
mV
50
200
VIN -
VOUT
Dropout Voltage (Note 4)
DYNAMIC CHARACTERISTICS
INPUT CHARACTERISTICS


Similar Part No. - MAX6061BEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606 MAXIM-MAX606 Datasheet
213Kb / 12P
   Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Rev 1; 1/99
MAX606 MAXIM-MAX606 Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 MAX6069AAAWS+* ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com