Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS3212 Datasheet(PDF) 7 Page - Texas Instruments

Part # HD3SS3212
Description  HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS3212 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS3212_15 Datasheet HTML 3Page - Texas Instruments HD3SS3212_15 Datasheet HTML 4Page - Texas Instruments HD3SS3212_15 Datasheet HTML 5Page - Texas Instruments HD3SS3212_15 Datasheet HTML 6Page - Texas Instruments HD3SS3212_15 Datasheet HTML 7Page - Texas Instruments HD3SS3212_15 Datasheet HTML 8Page - Texas Instruments HD3SS3212_15 Datasheet HTML 9Page - Texas Instruments HD3SS3212_15 Datasheet HTML 10Page - Texas Instruments HD3SS3212_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0 V
tPD
50%
50%
2.6-V Max
0 V
2.6-V Max
TSK_INTRA
tSK_INTER
VIN
VOUT
50%
VOUTp
VOUTn
50%
50%
50%
50%
50%
50%
B0/C0
VOUT
B1/C1
VOUT
HD3SS3212, HD3SS3212I
www.ti.com
SLASE74A – MAY 2015 – REVISED AUGUST 2015
Parameter Measurement Information (continued)
Figure 3. Timing Diagrams and Test Setup
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HD3SS3212 HD3SS3212I


Similar Part No. - HD3SS3212_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results

Similar Description - HD3SS3212_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com