Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB1412 Datasheet(PDF) 7 Page - Texas Instruments

Part # EMB1412
Description  MOSFET Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EMB1412 Datasheet(HTML) 7 Page - Texas Instruments

Back Button EMB1412_15 Datasheet HTML 3Page - Texas Instruments EMB1412_15 Datasheet HTML 4Page - Texas Instruments EMB1412_15 Datasheet HTML 5Page - Texas Instruments EMB1412_15 Datasheet HTML 6Page - Texas Instruments EMB1412_15 Datasheet HTML 7Page - Texas Instruments EMB1412_15 Datasheet HTML 8Page - Texas Instruments EMB1412_15 Datasheet HTML 9Page - Texas Instruments EMB1412_15 Datasheet HTML 10Page - Texas Instruments EMB1412_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EMB1412
www.ti.com
SNOSB66B – AUGUST 2011 – REVISED NOVEMBER 2014
7 Detailed Description
7.1 Overview
The EMB1412 is a high speed, high peak current (7 A) single channel MOSFET driver. The high peak output
current of the EMB1412 will switch power MOSFETs on and off with short rise and fall times, thereby reducing
switching losses considerably. The EMB1412 includes both inverting and non-inverting inputs that give the user
flexibility to drive the MOSFET with either active low or active high logic signals. The driver output stage consists
of a compound structure with MOS and bipolar transistor operating in parallel to optimize current capability over a
wide output voltage and operating temperature range. The bipolar device provides high peak current at the
critical Miller plateau region of the MOSFET VGS, while the MOS device provides rail-to-rail output swing. The
totem pole output drives the MOSFET gate between the gate drive supply voltage VCC and the power ground
potential at the VEE pin.
The control inputs of the driver are high impedance CMOS buffers with TTL compatible threshold voltages. The
negative supply of the input buffer is connected to the input ground pin IN_REF. An internal level shifting circuit
connects the logic input buffers to the totem pole output drivers. The level shift circuit and separate input/output
ground pins provide the option of single supply or split supply configurations. When driving the MOSFET gates
from a single positive supply, the IN_REF and VEE pins are both connected to the power ground.
The isolated input and output stage grounds provide the capability to drive the MOSFET to a negative VGS
voltage for a more robust and reliable off state. In split supply configuration, the IN_REF pin is connected to the
ground of the controller which drives the EMB1412 inputs. The VEE pin is connected to a negative bias supply
that can range from the IN_REF potential to as low as 14 V below the VCC gate drive supply. For reliable
operation, the maximum voltage difference between VCC and IN_REF or between VCC and VEE is 14 V.
The minimum recommended operating voltage between VCC and IN_REF is 3.5 V. An Under-Voltage Lock Out
(UVLO) circuit is included in the EMB1412 which senses the voltage difference between VCC and the input
ground pin, IN_REF. When the VCC to IN_REF voltage difference falls below 2.8 V the driver is disabled and the
output pin is held in the low state. The driver will resume normal operation when the VCC to IN_REF differential
voltage exceeds 3 V.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: EMB1412


Similar Part No. - EMB1412_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
EMB1428QSQ/NOPB TI1-EMB1428QSQ/NOPB Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
EMB1428QSQE/NOPB TI1-EMB1428QSQE/NOPB Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
EMB1428QSQX/NOPB TI1-EMB1428QSQX/NOPB Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
EMB1432Q TI1-EMB1432Q Datasheet
970Kb / 22P
[Old version datasheet]   60V 14-Channel Battery Stack Module Analog Front End
More results

Similar Description - EMB1412_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
International Rectifier
CHL8505 IRF-CHL8505 Datasheet
263Kb / 15P
   High.Efficiency 5V MOSFET Gate Driver
logo
Texas Instruments
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
   N-Channel MOSFET Gate Driver
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
International Rectifier
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
   Opto Isolated MOSFET Gate Driver
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
   3-Phase MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
logo
AiT Semiconductor Inc.
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com