Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

701800-Color-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701800-Color-8
Description  Neon-inspired tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701800-Color-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701800-Color-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 701800-Color-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ColorLINE
Neon-inspired tubing
Add stunning neon-like appeal and increased awareness to any building with this patented
LED-based rigid tubing system. Completely assembled and sealed tubes are ready for
installation. ColorLINE offers our brightest tubing light output, a neon-like profile, and
innovative lit, mitered corners.
• Slim profile similar to standard neon
• Neutral frosted white color when non-illuminated
• High impact acrylic: UV stable, hydrocarbon insensitive, and non-fading
• Can be factory bent to minimum 9.75 inch radius
• Three lit mitered corner configurations
• Convenient, weatherproof connectors between sections
• Can be cut in the field
Specifications
Part number
2 ft Tube
701800-Color-2
4 ft Tube
701800-Color-4
6 ft Tube
701800-Color-6
8 ft Tube
701800-Color-8
Dimensions
Width
0.44 in
Base width
0.59 in
Height
1.00 in
Lengths
2 ft, 4 ft, 6 ft, 8 ft
Factory bends
9.75 in radius (radial and flat bend)
In-field bends
Radial bend
19 ft
Flat bend
6 ft
Operating temperature
-40° C to +70° C
Protection class
IP66
Power per foot
2.28 W
Power capacity
24 ft per SloanLED 60 W 12 VDC power supply
Colors
Red, Orange, Yellow, Green, Blue, White, Warm White
Mounting
Dual-position mounting clips (400381-25) orient in two directions
Accessories
Snap-on, frosted joint covers (701807) for clean finish
Illuminated, mitered corners:
Inside Corner
701800-IC-Color
Outside Corner
701800-OC-Color
Step Corner
701800-SC-Color
Flat bend
Radial bend
Bends
400381-25
Mounting Clip


Similar Part No. - 701800-Color-8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7018 BOURNS-7018 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7018-RC BOURNS-7018-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
List of Unclassifed Man...
70181 ETC2-70181 Datasheet
453Kb / 4P
   LINEARlight MULTI FLEX Long life: Up to 50,000 hours
70182 ETC2-70182 Datasheet
453Kb / 4P
   LINEARlight MULTI FLEX Long life: Up to 50,000 hours
70187 ETC2-70187 Datasheet
453Kb / 4P
   LINEARlight MULTI FLEX Long life: Up to 50,000 hours
More results

Similar Description - 701800-Color-8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4600 INTEL-P4600 Datasheet
1Mb / 2P
   Cloud Inspired. Caching Optimized
2018
SSDD3-S4510 INTEL-SSDD3-S4510 Datasheet
966Kb / 2P
   Storage Inspired. Infrastructure Optimized.
2019
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
logo
List of Unclassifed Man...
CLM3500 ETC-CLM3500 Datasheet
49Kb / 2P
   NEON PHOTOCONDUCTOR
logo
Elektron Components Ltd...
0145AA BULGIN-0145AA Datasheet
85Kb / 2P
   Neon Indicatiors (Neon, LED and Filament Lamps)
logo
Alpha Wire
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
   Tubing
logo
Visual Communications C...
A1G VCC-A1G Datasheet
77Kb / 2P
   Neon Indicator Lamps
logo
List of Unclassifed Man...
CLM3120 ETC-CLM3120 Datasheet
67Kb / 2P
   PHOTOMODS NEON MODULES
CLM3700 ETC-CLM3700 Datasheet
50Kb / 2P
   Neon Photoconductor Isolators
logo
Chicago Miniature Lamp,...
1050A CML-1050A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com