Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8215A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8215A
Description  BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8215A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8215A Datasheet HTML 7Page - Seiko Instruments Inc S8215A Datasheet HTML 8Page - Seiko Instruments Inc S8215A Datasheet HTML 9Page - Seiko Instruments Inc S8215A Datasheet HTML 10Page - Seiko Instruments Inc S8215A Datasheet HTML 11Page - Seiko Instruments Inc S8215A Datasheet HTML 12Page - Seiko Instruments Inc S8215A Datasheet HTML 13Page - Seiko Instruments Inc S8215A Datasheet HTML 14Page - Seiko Instruments Inc S8215A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.3_00
S-8215A Series
Seiko Instruments Inc.
11
Operation
Remark Refer to " Battery Protection IC Connection Examples".
1. Normal status
If the voltage of each of the batteries is lower than "the overcharge detection voltage n (VCUn)
+ the overcharge
hysteresis voltage n (VHCn)", the CO pin output changes to "L" (Active "H") or "H" (Active L"). This is called normal
status.
2. Overcharge status
When the voltage of one of the batteries exceeds VCUn during charging under normal conditions and the status is
retained for the overcharge detection delay time (tCU) or longer, the CO pin output changes. This is called overcharge
status. Connecting FET to the CO pin provides charge control and a second protection.
If the voltage of each of the batteries is lower than VCUn
+ VHCn and the status is retained for 2.0 ms typ. or longer, the
S-8215A Series changes to normal status.
3. Overcharge timer reset
When an overcharge release noise that forces the voltage of one of the batteries temporarily below VCUn is input during
tCU from when VCUn is exceeded to when charging is stopped, tCU is continuously counted if the time the overcharge
release noise persists is shorter than the overcharge timer reset delay time (tTR). Under the same conditions, if the time
the overcharge release noise persists is tTR or longer, counting of tCU is reset once. After that, when VCUn has been
exceeded, counting tCU resumes.


Similar Part No. - S8215A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
New Jersey Semi-Conduct...
S8210 NJSEMI-S8210 Datasheet
86Kb / 2P
   Silicon Controlled Rectifiers
logo
Satco Products, Inc.
S8210 SATCO-S8210 Datasheet
126Kb / 1P
   23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
   COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
More results

Similar Description - S8215A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
logo
Seiko Instruments Inc
S-8215AAA-K8T2U SII-S-8215AAA-K8T2U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
logo
ABLIC Inc.
S-8245A ABLIC-S-8245A Datasheet
993Kb / 41P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8225A ABLIC-S-8225A Datasheet
590Kb / 27P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
logo
Seiko Instruments Inc
S8225B SII-S8225B Datasheet
538Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com