Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5922BEUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5922BEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922BEUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5922BEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 9Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 10Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 11Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 12Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 13Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
10
______________________________________________________________________________________
PIN
NAME
FUNCTION
*AGND
Analog Ground. This is the return of analog power input. AGND can vary ±4V from DGND. AGND and
DGND must be connected together at a single point in the system.
1, 2
DRAIN
Drain connection for the integrated MOSFET. Connect a sense resistor, RSENSE, from DRAIN to IN.
These pins are also the current-sense resistor negative terminal. RSENSE sets the overcurrent-limit
and open-circuit detection threshold. These two pins must be connected together.
3, 6, 26
N.C.
No Connection. Not internally connected. Leave pins 6 and 26 open. Pins 6 and 26 are left
unconnected to provide additional spacing between the high-voltage pins and other pins.
4IN
Input Voltage. Connect to a positive voltage source between +32V to +60V from IN to AGND. This is
the current-sense resistor positive terminal. Bypass to AGND with a 47µF, 100V electrolytic capacitor
and a 0.1µF, 100V ceramic capacitor. Place the ceramic capacitor close to this pin.
5
RCL
Classification Sense Resistor. Connect a 150
Ω ±1% resistor from RCL to IN for sensing the
classification current. Leave RCL floating when the PD classification function is not used.
7
AGND_S
Analog Ground Sense. Connect a 1
Ω resistor from AGND_S to AGND. This resistor protects the IC
during an output short-circuit condition.
8
UVLO
Undervoltage Lockout Adjustment Input. Referenced to AGND. Connect to the center point of a
resistive-divider from IN to AGND to adjust the UVLO threshold. Leave open for default value.
9
RDT
Detection Sense Resistor. Connect an 18.2k
Ω ±1% resistor from RDT to AGND for sensing the PD
detection current. Add a 680nF capacitor in parallel to this resistor to filter out the power-line noise.
Connect RDT to AGND when the PD detection function is not used.
10
FAULT
Fault Signal Open-Drain Logic Output. Reference to DGND.
FAULT is latched low when:
1. An overtemperature condition occurs and/or,
2. An overcurrent condition that has lasted for more than tOC.
11
POK
Power-OK, Open-Drain Logic Output. Reference to DGND. POK goes open drain a time tPOK_HIGH
after VOUT raises to within VTHPOK from VIN. POK goes low a time tPOK_LOW after VOUT falls out of the
VTHPOK from VIN.
12
ZC
Zero-Current Fault Signal. Open-drain logic output. Reference to DGND.
ZC is latched low when there
is a zero-current condition lasting longer than tZCDEL. ZC is open-drain otherwise. The zero-current
detection circuit is enabled immediately after the POK signal goes high. The
ZC is unlatched after a
valid PD has been detected and eventually classified.
13
TP1
Must be Left Open or Connected to AGND
14
TP2
Must be Left Open or Connected to AGND
15
TP3
Must be Left Open or Connected to AGND
16
CL2
Classification Report Logic Output Bit 2. See the PD Classification section (Table 2).
17
CL1
Classification Report Logic Output Bit 1. See the PD Classification section (Table 2).
18
CL0
Classification Report Logic Output Bit 0. See the PD Classification section (Table 2).
19
DGND
Digital Ground. DGND can vary
±4V from AGND. DGND and AGND must to be connected together at
a single point in the system.
20
LATCH
Fault Management Selection Digital Input. Referenced to DGND. Connect to a logic high to latch off
after a fault condition. Connect to a logic low for automatic restart after a fault condition (see the Fault
Management section).
Pin Description
*This is not a device pin.


Similar Part No. - MAX5922BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921AESA MAXIM-MAX5921AESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
More results

Similar Description - MAX5922BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
   Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913 MAXIM-MAX5913 Datasheet
827Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
19-2244; Rev 2; 11/02
logo
XFMRS Inc.
POL XFMRS-POL_15 Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
[Old version datasheet]   Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
   Single Port USB Power Switch and Over-Current Protection
logo
XFMRS Inc.
XFMRS XFMRS-XFMRS Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED RJ45
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
   5 Port Power Over Ethernet Industrial Switch
logo
AAEON Technology
BOXER-6404WT-A1-1010 AAEON-BOXER-6404WT-A1-1010 Datasheet
199Kb / 2P
   Quad GbE LAN Port for Industrial Network Appliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com