Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES12NT12G2 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 89HPES12NT12G2
Description  Low latency cut-through architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES12NT12G2 Datasheet(HTML) 2 Page - Integrated Device Technology

  89HPES12NT12G2 Datasheet HTML 1Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 2Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 3Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 4Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 5Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES12NT12G2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
IDT 89HPES12NT12G2 Datasheet
2 of 32
December 16, 2013
• Common clock
• Non-common clock
• Local port clock with SSC (spread spectrum setting) and port
reference clock input
Hot-Plug and Hot Swap
– Hot-plug controller on all ports
• Hot-plug supported on all downstream switch ports
– All ports support hot-plug using low-cost external I2C I/O
expanders
– Configurable presence-detect supports card and cable appli-
cations
– GPE output pin for hot-plug event notification
• Enables SCI/SMI generation for legacy operating system
support
– Hot-swap capable I/O
Power Management
– Supports D0, D3hot and D3 power management states
– Active State Power Management (ASPM)
• Supports L0, L0s, L1, L2/L3 Ready, and L3 link states
• Configurable L0s and L1 entry timers allow performance/
power-savings tuning
– SerDes power savings
• Supports low swing / half-swing SerDes operation
• SerDes associated with unused ports are turned off
• SerDes associated with unused lanes are placed in a low
power state
Reliability, Availability, and Serviceability (RAS)
– ECRC support
– AER on all ports
– SECDED ECC protection on all internal RAMs
– End-to-end data path parity protection
– Checksum Serial EEPROM content protected
– Ability to generate an interrupt (INTx or MSI) on link up/down
transitions
Initialization / Configuration
– Supports Root (BIOS, OS, or driver), Serial EEPROM, or
SMBus switch initialization
– Common switch configurations are supported with pin strap-
ping (no external components)
– Supports in-system Serial EEPROM initialization/program-
ming
On-Die Temperature Sensor
– Range of 0 to 127.5 degrees Celsius
– Three programmable temperature thresholds with over and
under temperature threshold alarms
– Automatic recording of maximum high or minimum low
temperature
9 General Purpose I/O
Test and Debug
– Ability to inject AER errors simplifies in system error handling
software validation
– On-chip link activity and status outputs available for several
ports
– Per port link activity and status outputs available using
external I2C I/O expander for all remaining ports
– Supports IEEE 1149.6 AC JTAG and IEEE 1149.1 JTAG
Standards and Compatibility
– PCI Express Base Specification 2.1 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• Internal Error Reporting
• Multicast
• VGA and ISA enable
• L0s and L1 ASPM
• ARI
Power Supplies
– Requires three power supply voltages (1.0V, 2.5V, and 3.3V)
Packaged in a 19mm x 19mm 324-ball Flip Chip BGA with
1mm ball spacing
Product Description
With Non-Transparent Bridging functionality and innovative Switch
Partitioning feature, the PES12NT12G2 allows true multi-host or multi-
processor communications in a single device. Integrated DMA control-
lers enable high-performance system design by off-loading data transfer
operations across memories from the processors. Each lane is capable
of 5 GT/s link speed in both directions and is fully compliant with PCI
Express Base Specification 2.1.
A non-transparent bridge (NTB) is required when two PCI Express
domains need to communicate to each other. The main function of the
NTB block is to initialize and translate addresses and device IDs to
allow data exchange across PCI Express domains. The major function-
alities of the NTB block are summarized in Table 1.


Similar Part No. - 89HPES12NT12G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES12NT12G2 RENESAS-89HPES12NT12G2 Datasheet
433Kb / 33P
   12-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 16, 2013
More results

Similar Description - 89HPES12NT12G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
89HPES32NT8BG2 IDT-89HPES32NT8BG2 Datasheet
342Kb / 35P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
89HPES22H16 IDT-89HPES22H16 Datasheet
282Kb / 37P
   Low-latency cut-through switch architecture
89HPES8T5 IDT-89HPES8T5 Datasheet
535Kb / 31P
   Low-latency cut-through switch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com