Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5923 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5923
Description  60V Simple Swapper Hot-Swap Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5923 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5923 Datasheet HTML 4Page - Maxim Integrated Products MAX5923 Datasheet HTML 5Page - Maxim Integrated Products MAX5923 Datasheet HTML 6Page - Maxim Integrated Products MAX5923 Datasheet HTML 7Page - Maxim Integrated Products MAX5923 Datasheet HTML 8Page - Maxim Integrated Products MAX5923 Datasheet HTML 9Page - Maxim Integrated Products MAX5923 Datasheet HTML 10Page - Maxim Integrated Products MAX5923 Datasheet HTML 11Page - Maxim Integrated Products MAX5923 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
+60V Simple Swapper Hot-Swap Switch
_______________________________________________________________________________________
9
Digital Logic
VDIG is the input supply for the internal logic circuitry.
The logic input thresholds of EN, LATCH, and ZC_EN
are CMOS compatible and are determined by the volt-
age at VDIG, which can range from 1.65V to 5.5V. The
POK and FAULT outputs are open-drain. VDIG and all
logic inputs and outputs are referenced to DGND.
DGND is not connected to AGND_S internally and must
be connected externally at a single point in the system
to AGND_S. The maximum allowable difference in the
voltage between DGND and AGND is
±4V.
Enable (EN)
EN is a logic input to enable MAX5923. Bringing EN low
halts all operations and turns off the internal power
MOSFET. When EN is high and the input voltage is
above the UVLO threshold, the MAX5923 begins oper-
ating. Enable is also used to unlatch the part after a
latched fault condition. This is done by toggling EN low
and high again after a fault condition.
Overcurrent Protection
The MAX5923 provides a sophisticated overcurrent pro-
tection circuitry to ensure the robust operation under out-
put current transient and current-fault conditions. The
current protection circuitry employs a Constant Current
Limit, a Current Foldback, and an Overcurrent Timeout.
The device monitors the voltage drop, VSENSE (VSENSE =
VIN - VDRAIN) in order to determine the load current.
Constant Current Limit
The MAX5923 monitors VSENSE at all times and regu-
lates the current through the power MOSFET as neces-
sary to keep VSENSE (max) to the current-limit sense
voltage (VILIM = 212mV). The load-current limit, ILIM, is
programmed by the current-sense resistor, RSENSE,
connected from IN to DRAIN (ILIM = VILIM/RSENSE).
When the load current is less than ILIM, the MOSFET is
fully on. When the load is trying to draw more than ILIM,
the OUT pin works like a constant current source, limit-
ing the output current to ILIM. If IOUT is greater than
ILIM for greater than the current-limit timeout, a current-
limit fault is generated and the power MOSFET is
turned off (see the Overcurrent Timeout and Fault
Management section).
Current Foldback
While in current-limit condition, the voltage at the OUT pin
drops. As the load resistance reduces (more loading), the
output voltage reduces accordingly to maintain a con-
stant load current. The power dissipation in the power
MOSFET is (VDRAIN - VOUT)
× ILIM. As the output voltage
drops lower, more power is dissipated across the power
MOSFET. To reduce this power dissipation, the MAX5923
offers a current foldback feature where it linearly reduces
the VILIM value when VOUT drops below the OUT current-
limit foldback voltage (VFBSTOP = 18V). Figure 2 illus-
trates this current foldback limit behavior.
Overcurrent Timeout
The MAX5923 keeps track of the time it is in current limit.
An internal digital counter begins incrementing its count
at 1count/ms when VSENSE exceeds its limit (either VILIM
or VILIM foldback in foldback mode). The counter is reset
to zero if the current falls back below the current limit.
When the cumulative count reaches 60, an overcurrent
fault is generated. After an overcurrent fault condition, the
switch is turned off and the FAULT signal goes low. This
overcurrent timeout enables the MAX5923 to operate in a
periodic overcurrent condition without causing a fault.
See Figure 3 for an example of periodic overcurrent con-
dition without causing a fault.
VILM
VILM/3
VFBSTART
(2V)
VFBSTOP
(18V)
VOUT (V)
Figure 2. Current Foldback Characteristic
MAX5923
IN
UVLO
AGND
R1
R2
VIN = 16V TO 60V
Figure 1. Setting Undervoltage Lockout with an External
Resistive Divider


Similar Part No. - MAX5923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921AESA MAXIM-MAX5921AESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
More results

Similar Description - MAX5923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com