Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8209B Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8209B
Description  A protection circuit with series multi-cell 2 cells or more
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8209B Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8209B Datasheet HTML 1Page - Seiko Instruments Inc S8209B Datasheet HTML 2Page - Seiko Instruments Inc S8209B Datasheet HTML 3Page - Seiko Instruments Inc S8209B Datasheet HTML 4Page - Seiko Instruments Inc S8209B Datasheet HTML 5Page - Seiko Instruments Inc S8209B Datasheet HTML 6Page - Seiko Instruments Inc S8209B Datasheet HTML 7Page - Seiko Instruments Inc S8209B Datasheet HTML 8Page - Seiko Instruments Inc S8209B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CMOS IC Application Note
Rev.1.5_00
S-8209B Series Usage Guidelines
Seiko Instruments Inc.
5
1. 2. 2 Status to inhibit charge
Following is about the status to inhibit charge, for example, the S-8209B (1) detects overcharge, the S-8209B (2)
and (3) are in the normal status.
The S-8209B (1) goes in the overcharge status when BAT1 gets VCU or more by charging. The CO1 pin is set in
high impedance.
The CTLC2 pin of the S-8209B (2) is pulled down to the level of VSS2 pin by the CTLC pin sink current (ICTLCL).
The CTLC2 pin gets the level of VSS2 pin by the high impedance CO1 pin. Thus the S-8209B (2) goes in the
overcharge status after the level of CTLC2 pin gets the CTLC pin L voltage (VCTLCL) or less. The CO2 pin is set
in high impedance.
The CTLC3 pin of the S-8209B (3) is pulled down to the level of VSS3 pin by ICTLCL as well. The CTLC3 pin gets
the level of VSS3 pin by the high impedance CO2 pin. The S-8209B (3) also goes in the overcharge status after
the level of CTLC3 pin gets VCTLCL or less.
The status of each pin in this case is shown in Table 2.
Table 2
CTLC pin
CTLD pin
Status of battery
CO pin
DO pin
CTLC1 = VDD1
CTLD1 = VDD1
VCU
≤ BAT1
CO1 = High-Z
DO1 = VDD1
CTLC2 = VSS2
CTLD2 = VDD1
VDL
< BAT2 < VCU
CO2 = High-Z
DO2 = VDD2
CTLC3 = VSS3
CTLD3 = VDD2
VDL
< BAT3 < VCU
CO3 = High-Z
DO3 = VDD3
The S-8209B (3) in the overcharge status turns off the CFET via a bipolar transistor (QCO) set externally to the
CO3 pin. In this case, charging via a charger connected between P
+ and P− is inhibited.
By this operation the overcharge status is transmitted from the top (S-8209B (1)) to the bottom (S-8209B (3)),
from the CO pin to the CTLC pin.
Charging is also inhibited; BAT2 or BAT3 gets VCU or more.


Similar Part No. - S8209B

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8209 SATCO-S8209 Datasheet
125Kb / 1P
   18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; GU24 base; 120 volts
logo
Intel Corporation
S82091A INTEL-S82091A Datasheet
1Mb / 204P
   ADVANCED INTEGRATED PERIPHERAL (AIP)
logo
Seiko Instruments Inc
S8209A SII-S8209A Datasheet
566Kb / 22P
   A protection circuit with series multi-cell 2 cells or more
More results

Similar Description - S8209B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8209A SII-S8209A Datasheet
566Kb / 22P
   A protection circuit with series multi-cell 2 cells or more
logo
Silan Microelectronics ...
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
Texas Instruments
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com