Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES8T5 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 89HPES8T5
Description  Low-latency cut-through switch architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES8T5 Datasheet(HTML) 3 Page - Integrated Device Technology

  89HPES8T5 Datasheet HTML 1Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 2Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 3Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 4Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 5Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 6Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 7Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 8Page - Integrated Device Technology 89HPES8T5 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3 of 31
March 27, 2008
IDT 89HPES8T5 Data Sheet
Figure 3 Configuration Option
SMBus Interface
The PES8T5 contains two SMBus interfaces. The slave interface provides full access to the configuration registers in the PES8T5, allowing every
configuration register in the device to be read or written by an external agent. The master interface allows the default configuration register values of
the PES8T5 to be overridden following a reset with values programmed in an external serial EEPROM. The master interface is also used by an
external Hot-Plug I/O expander.
Six pins make up each of the two SMBus interfaces. These pins consist of an SMBus clock pin, an SMBus data pin, and 4 SMBus address pins. In
the slave interface, these address pins allow the SMBus address to which the device responds to be configured. In the master interface, these
address pins allow the SMBus address of the serial configuration EEPROM from which data is loaded to be configured. The SMBus address is set up
on negation of PERSTN by sampling the corresponding address pins. When the pins are sampled, the resulting address is assigned as shown in
Table 1.
As shown in Figure 4, the master and slave SMBuses may be used in a unified or split configuration. In the unified configuration, shown in Figure
4(a), the master and slave SMBuses are tied together and the PES8T5 acts both as a SMBus master as well as a SMBus slave on this bus. This
requires that the SMBus master or processor that has access to PES8T5 registers supports SMBus arbitration. In some systems, this SMBus master
interface may be implemented using general purpose I/O pins on a processor or micro controller, and may not support SMBus arbitration. To support
these systems, the PES8T5 may be configured to operate in a split configuration as shown in Figure 4(b).
In the split configuration, the master and slave SMBuses operate as two independent buses and thus multi-master arbitration is never required.
The PES8T5 supports reading and writing of the serial EEPROM on the master SMBus via the slave SMBus, allowing in system programming of the
serial EEPROM.
Bit
Slave
SMBus
Address
Master
SMBus
Address
1
SSMBADDR[1]
MSMBADDR[1]
2
SSMBADDR[2]
MSMBADDR[2]
3
SSMBADDR[3]
MSMBADDR[3]
4
0
MSMBADDR[4]
5
SSMBADDR[5]
1
61
0
71
1
Table 1 Master and Slave SMBus Address Assignment
x1
x1
x1
x1
x4
PES8T5
x1
x1
x1
x1
x4
PES8T5


Similar Part No. - 89HPES8T5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES8T5 RENESAS-89HPES8T5 Datasheet
744Kb / 32P
   8-Lane 5-Port PCI Express® Switch
March 27, 2008
logo
Integrated Device Techn...
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
   8-Lane 5-Port PCI Express® Switch
June 18, 2014
logo
Integrated Device Techn...
89HPES8T5AZABC IDT-89HPES8T5AZABC Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
89HPES8T5AZABCG IDT-89HPES8T5AZABCG Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
More results

Similar Description - 89HPES8T5

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES22H16 IDT-89HPES22H16 Datasheet
282Kb / 37P
   Low-latency cut-through switch architecture
89HPES6T6G2 IDT-89HPES6T6G2 Datasheet
600Kb / 30P
   Low latency cut-through switch architecture
89HPES16H16 IDT-89HPES16H16 Datasheet
279Kb / 36P
   Low-latency cut-through switch architecture
89HPES16T4AG2 IDT-89HPES16T4AG2 Datasheet
311Kb / 32P
   Low latency cut-through switch architecture
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com