Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5914EMH Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5914EMH
Description  48V Quad Hot-Swap Controllers For Power-Over-LAN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5914EMH Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5914EMH Datasheet HTML 3Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 4Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 5Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 6Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 7Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 8Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 9Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 10Page - Maxim Integrated Products MAX5914EMH Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
+48V Quad Hot-Swap Controllers For
Power-Over-LAN
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCSP_ = VCC = +48V, VDD = +3.3V, VRLY = +12V, AGND = DGND = 0, RTIM = open, TA = +25°C, unless otherwise specified.)
SHORT-CIRCUIT RESPONSE
(VCC = +48V EXPANDED TIME SCALE)
MAX5913/4 toc22
0
A
B
0
40
µs/div
ON = RLYON = VDD, RL = 1
Ω, RRTIM = 2kΩ
A: IOUT, 200mA/div
B: VGATE, 20V/div
PEAK SHORT-CIRCUIT RESPONSE
(VCC = +48V EXPANDED TIME SCALE)
MAX5913/4 toc23
0
A
B
0
1
µs/div
ON = RLYON = VDD, RL = 1
Ω, RRTIM = 2kΩ
A: IOUT, 5A/div
B: VGATE, 20V/div
SHORT-CIRCUIT RESPONSE
(VCC = +57V)
MAX5913/4 toc24
0
A
B
0
1ms/div
ON = RLYON = VDD
A: IOUT, 200mA/div
B: VGATE, 20V/div
PEAK SHORT-CIRCUIT RESPONSE TIME
(VCC = +57V, EXPANDED TIME SCALE)
MAX5913/4 toc26
0
A
B
0
1
µs/div
ON = RLYON = VDD, RL = 1
Ω, RRTIM = 2kΩ
A: IOUT, 5A/div
B: VGATE, 20V/div
SHORT-CIRCUIT RESPONSE
(VCC = +72V)
MAX5913/4 toc27
A
B
0
0
1ms/div
ON = RLYON = VDD
A: IOUT, 200mA/div
B: VGATE, 50V/div
SHORT-CIRCUIT RESPONSE
(VCC = +57V, EXPANDED TIME SCALE)
MAX5913/4 toc25
0
A
B
0
40
µs/div
ON = RLYON = VDD, RL = 1
Ω, RRTIM = 2kΩ
A: IOUT, 200mA/div
B: VGATE, 20V/div


Similar Part No. - MAX5914EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5914AEMH++ MAXIM-MAX5914AEMH+ Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5914AEMH+T MAXIM-MAX5914AEMH+T Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
More results

Similar Description - MAX5914EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Maxim Integrated Produc...
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com