Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DMV0141 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DMV0141
Description  Spread Spectrum Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMV0141 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DMV0141 Datasheet HTML 2Page - Integrated Device Technology 9DMV0141 Datasheet HTML 3Page - Integrated Device Technology 9DMV0141 Datasheet HTML 4Page - Integrated Device Technology 9DMV0141 Datasheet HTML 5Page - Integrated Device Technology 9DMV0141 Datasheet HTML 6Page - Integrated Device Technology 9DMV0141 Datasheet HTML 7Page - Integrated Device Technology 9DMV0141 Datasheet HTML 8Page - Integrated Device Technology 9DMV0141 Datasheet HTML 9Page - Integrated Device Technology 9DMV0141 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2:1 1.8V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
8
REVISION B 01/26/15
9DMV0141 DATASHEET
Package Outline and Package Dimensions (NLG16)


Similar Part No. - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMV0141 ICST-9DMV0141 Datasheet
182Kb / 10P
   1MHz to 200MHz operating frequency
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
logo
Integrated Device Techn...
9DMV0141AKILF IDT-9DMV0141AKILF Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
9DMV0141AKILFT IDT-9DMV0141AKILFT Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
More results

Similar Description - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
   Spread Spectrum Compatible
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0441 ICST-9DMU0441 Datasheet
121Kb / 11P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0131 ICST-9DMU0131 Datasheet
113Kb / 10P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com