Electronic Components Datasheet Search |
|
S5841 Datasheet(PDF) 4 Page - Seiko Instruments Inc |
|
S5841 Datasheet(HTML) 4 Page - Seiko Instruments Inc |
4 / 26 page TEMPERATURE SWITCH IC (THERMOSTAT IC) S-5841 Series Rev.2.2_00 Seiko Instruments Inc. 4 1. 2 SNT-6A S-5841 A xx x - I6T1 U Product name Package abbreviation and IC packing specifications *1 I6T1: SNT-6A, Tape Environmental code U: Lead-free (Sn 100%), halogen-free Output form and Output logic *2 A: CMOS output (Active "H") B: CMOS output (Active "L") C: Nch open drain output (Active "H") D: Nch open drain output (Active "L") Detection temperature (TDET) *3 40 to 100 When the detection temperature is +80°C, it is expressed as 80. When the detection temperature is +100°C, it is expressed as A0. Option *4 A: Hysteresis temperature switched in 0 °C, 2°C, 4°C and 10°C *1. Refer to the tape drawing. *2. The DET pin output can be selected the output logic in active "H" or "L". The DET pin output can be selected the output form in CMOS or Nch open drain. *3. The detection temperature (TDET) can be set in the range of +40°C to +100°C at 1°C step. *4. The hysteresis temperature can be switched in 0 °C, 2°C, 4°C, 10°C, and is set by the HYS1 pin and the HYS2 pin. 2. Packages Table 1 Package Drawing Codes Package Name Dimension Tape Reel Land SOT-23-5 MP005-A-P-SD MP005-A-C-SD MP005-A-R-SD − SNT-6A PG006-A-P-SD PG006-A-C-SD PG006-A-R-SD PG006-A-L-SD |
Similar Part No. - S5841 |
|
Similar Description - S5841 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |