Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5912ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5912ESE
Description  -48V Simple Swapper Hot-Swap Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5912ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX5912ESE Datasheet HTML 1Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 2Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 3Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 4Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 5Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 6Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 7Page - Maxim Integrated Products MAX5912ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
-48V Simple Swapper Hot-Swap Switches
6
_______________________________________________________________________________________
Detailed Description
Figure 1 shows a functional block diagram. The
MAX5911/MAX5912 are hot-swap switches for negative
supply rails. The devices allow the safe insertion and
removal of circuit cards into live backplanes or ports
without causing undue glitches on the negative power-
supply rail. They operate over the -16V to -65V voltage
range. The devices act as a current regulator, using
their on-board FET to limit the amount of current drawn
from the backplane to 280mA for MAX5911 and 415mA
for MAX5912. If the load current exceeds that current
limit, the internal switch behaves like a constant current
source.
The MAX5911/MAX5912 monitor the input voltage, the
output voltage, the output current, and the die tempera-
ture. They assert their FAULT output if they detect an
error condition.
A zero-current load disconnect feature activates if the
load current drops below 8mA for over 350ms. They also
include an enable input that responds to positive logic,
allowing the host system to turn the FET switch on or off.
The enable input is also used to reset the devices after
an error condition has latched the output FET off.
Normal Operation
Startup
When power is first applied with ENABLE high, or when
ENABLE is asserted, the MAX5911/MAX5912 limit the
current to the load to 280mA/415mA. If the output volt-
age has not reached the power-good threshold within
the 14ms power-good delay, FAULT is pulled low.
FAULT stays low until the output voltage exceeds the
power-good threshold, at which time it is released and
becomes high impedance.
Undervoltage Lockout Fault
If
VIN≤UVLO, where UVLO is the desired voltage
at which the UVLO fault occurs, FAULT is pulled low
and the internal FET is turned off. If the condition per-
sists for over 350ms (IFDEL), the FET is latched off. The
default UVLO voltage is -28V, but it can be adjusted
using an external resistive divider (see the Changing
the Undervoltage Lockout Setting section). Once the
FET is latched off, ENABLE must be pulsed low then
brought back high to release FAULT and enable VOUT.
Thermal Shutdown Fault
The MAX5911/MAX5912 monitor their internal die tem-
peratures. If the temperature of the die exceeds
+140°C, FAULT is pulled low and the internal FET is
latched off. ENABLE must be pulsed low and then
brought high again to reset the FET latch, and release
FAULT, provided the die is below the thermal shutdown
temperature by 5°C (typ).
Power-Not-Good Fault
If |VIN - VOUT| is more than the power-good threshold
for over 14ms, FAULT is pulled low. When the output
voltage exceeds the power-good threshold, FAULT is
released. FAULT output is not latched during a power-
not-good fault.
Zero-Current Detection
If the load current drops below 8mA for over 350ms,
FAULT is pulled low and the FET is latched off. ENABLE
must be pulsed low and then brought high again to
release FAULT and enable VOUT.
Applications Information
Chosing A Device
The MAX5911 will output up to 280mA (typ) and the
MAX5912 up to 415mA (typ). In applications where
high heat is expected, use the MAX5912 for its superior
UVLO
AGND
ENABLE
VIN
FAULT
DGND
LEVEL
SHIFTER
CONTROL
LOGIC
2.11M
99.5k
+1.258VREF
VOUT
MAX5911/MAX5912
GATE
|VIN|
VPG (min) = 1.8V
VPG |VIN - VOUT|,
VPG (typ) = 2V
VPG (max) = 2.2V
|VOUT|
0
POWER GOOD
POWER-NOT-GOOD DELAY
POWER-GOOD
HYSTERESIS
(5% OF VPG)
Figure 1. Functional Block Diagram


Similar Part No. - MAX5912ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5910ESA MAXIM-MAX5910ESA Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
   Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
MAX5911EVKIT# MAXIM-MAX5911EVKIT# Datasheet
1Mb / 7P
   Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
MAX5913 MAXIM-MAX5913 Datasheet
827Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
19-2244; Rev 2; 11/02
More results

Similar Description - MAX5912ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com