Electronic Components Datasheet Search |
|
MAX5912ESE Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX5912ESE Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 8 page -48V Simple Swapper Hot-Swap Switches _______________________________________________________________________________________ 3 0.8 1.0 1.4 1.2 1.6 1.8 -65 -45 -55 -35 -25 -15 SUPPLY CURRENT vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) NO LOAD 1.510 1.520 1.515 1.530 1.525 1.535 1.540 -40 10 -15 356085 SUPPLY CURRENT vs. AMBIENT TEMPERATURE TEMPERATURE ( °C) NO LOAD 1.6 2.0 1.8 2.4 2.2 2.8 2.6 3.0 -40 10 -15 356085 ON-RESISTANCE vs. AMBIENT TEMPERATURE TEMPERATURE ( °C) ILOAD = 150mA Typical Operating Characteristics (VIN = -48V, AGND = DGND = 0, UVLO = open circuit, VENABLE = +3.3V, RLOAD = 1.8k Ω, TA = +25°C, unless otherwise noted.) ELECTRICAL SPECIFICATIONS (continued) (VIN = -48V, AGND = DGND = 0, UVLO = open circuit, VENABLE = +3.3V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) Note 1: Minimum ENABLE low pulse width required to unlatch fault condition. Note 2: The delay from IOUT falling below the zero-current threshold until FAULT is latched low and VOUT is disabled. Note 3: The time from an output overcurrent or short-circuit condition until the output goes into current limit. Note 4: The time from VOUT falling until FAULT is asserted low. FAULT is not latched for Power-Not-Good condition. Note 5: When the device goes into thermal shutdown, the output is disabled and FAULT is latched low. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Power-Not-Good Output Delay (Note 4) PGDEL After |VIN - VOUT| increases above (VPG + PGHYS) 814 20 ms Thermal Shutdown Temperature (Note 5) TJ 140 oC Default UVLO UVLO open circuit, |VIN| increasing -30 -28 -26 V UVLO Hysteresis UVLO open circuit, percentage of UVLO threshold 12 % UVLO Comparator Threshold Referenced to VIN, UVLO open circuit, |VIN| increasing +1.258 V UVLO Input Resistance RUVLO 95 k Ω |
Similar Part No. - MAX5912ESE |
|
Similar Description - MAX5912ESE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |