Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DMU0131 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DMU0131
Description  HCSL differential inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMU0131 Datasheet(HTML) 2 Page - Integrated Device Technology

  9DMU0131 Datasheet HTML 1Page - Integrated Device Technology 9DMU0131 Datasheet HTML 2Page - Integrated Device Technology 9DMU0131 Datasheet HTML 3Page - Integrated Device Technology 9DMU0131 Datasheet HTML 4Page - Integrated Device Technology 9DMU0131 Datasheet HTML 5Page - Integrated Device Technology 9DMU0131 Datasheet HTML 6Page - Integrated Device Technology 9DMU0131 Datasheet HTML 7Page - Integrated Device Technology 9DMU0131 Datasheet HTML 8Page - Integrated Device Technology 9DMU0131 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2:1 1.5V PCIE GEN1-2-3 CLOCK MUX
2
REVISION A 09/30/14
9DMU0131 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Pin Descriptions
16 15 14 13
GNDR 1
12 VDD1.5
VDDR1.5 2
11 GND
VDDR1.5 3
10 DIF0#
GNDR 4
9 DIF0
5678
16-pin VFQFPN, 3x3 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
Note: Paddle may be connected to ground for thermal
purposes. It is not required electrically.
9DMU0131
v prefix indicates internal 120KOhm pull down resistor
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx
VDD
GND
21
34
12
11
Note: Pins 2 and 3 should be decoupled separately to
pins 1 and 4 respectively.
DIF outputs
Description
Pin Number
Input A receiver analog
Input B receiver analog
Pin#
Pin Name
Type
Pin Description
1
GNDR
GND
Analog Ground pin for the differential input (receiver)
2
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
3
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
4
GNDR
GND
Analog Ground pin for the differential input (receiver)
5
DIF_INB
IN
HCSL Differential True input
6
DIF_INB#
IN
HCSL Differential Complement Input
7vSW_MODE
IN
Switch Mode. This pin selects either asynchronous or glitch-free switching of the mux. Use
asynchronous mode if 0 or 1 of the input clocks is running. Use glitch-free mode if both input
clocks are running. This pin has an internal pull down resistor of ~120kohms.
0 = asynchronous mode
1 = glitch-free mode
8^OE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
9
DIF0
OUT
Differential true clock output
10
DIF0#
OUT
Differential Complementary clock output
11
GND
GND
Ground pin.
12
VDD1.5
PWR
Power supply, nominally 1.5V
13
NC
N/A
No Connection.
14
^SEL_A_B#
IN
Input to select differential input clock A or differential input clock B. This input has an internal
pull-up resistor.
0 = Input B selected, 1 = Input A selected.
15
DIF_INA
IN
HCSL Differential True input
16
DIF_INA#
IN
HCSL Differential Complement Input


Similar Part No. - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0131 ICST-9DMU0131 Datasheet
113Kb / 10P
   Spread Spectrum Compatible
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
More results

Similar Description - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMU0431 IDT-9DMU0431 Datasheet
116Kb / 11P
   HCSL differential inputs
logo
EUROQUARTZ limited
HCK5361 EUROQUARTZ-HCK5361 Datasheet
255Kb / 1P
   DIFFERENTIAL HCSL OSCILLATORS
HCK5761 EUROQUARTZ-HCK5761 Datasheet
259Kb / 1P
   DIFFERENTIAL HCSL OSCILLATORS
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
   HCSL-compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com