Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5903 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5903
Description  72V SOT23 Simple Swapper Hot-Swap Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5903 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5903 Datasheet HTML 1Page - Maxim Integrated Products MAX5903 Datasheet HTML 2Page - Maxim Integrated Products MAX5903 Datasheet HTML 3Page - Maxim Integrated Products MAX5903 Datasheet HTML 4Page - Maxim Integrated Products MAX5903 Datasheet HTML 5Page - Maxim Integrated Products MAX5903 Datasheet HTML 6Page - Maxim Integrated Products MAX5903 Datasheet HTML 7Page - Maxim Integrated Products MAX5903 Datasheet HTML 8Page - Maxim Integrated Products MAX5903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
+72V SOT23 Simple Swapper Hot-Swap
Controllers
_______________________________________________________________________________________
5
Detailed Description
The MAX5902/MAX5903 are integrated hot-swap con-
troller ICs contained in 6-pin SOT23 packages. They
allow a board to be safely hot-plugged into a live back-
plane without causing a glitch on the power-supply rail.
They are well suited for +48V power systems allowing
cost-effective, simple, and compact design. The
MAX5902/MAX5903 operate from +9V to +72V to cover
a wide range of end equipment hot-swap needs. They
require only an external P-channel power MOSFET to
provide hot-swap control. Figure 1 shows a functional
block diagram of the MAX5902/MAX5903.
The MAX5902/MAX5903 controls an external P-channel
power MOSFET placed in the positive power-supply
pathway. When power is first applied, the MAX5902/
MAX5903 keep the MOSFET turned off. The
MAX5902/MAX5903 hold the MOSFET off indefinitely if
ON/OFF is held low, if the supply voltage is below the
undervoltage lockout level, or if the die temperature
exceeds +125°C. If none of these conditions exist for
150ms (typ), the MAX5902/MAX5903 begin to gradually
turn on the MOSFET. During this turn-on phase, the
MAX5902/MAX5903 slowly enhance the MOSFET,
allowing the voltage on the load, i.e. the drain of the
MOSFET, to rise at a rate of 9V/ms (typ). The inrush cur-
rent to the load is thus limited to a level proportional to
the load capacitance, and the constant slew rate. After
the MOSFET is fully enhanced, and the load voltage is
settled to its final value, the MAX5902A/ MAX5903A and
MAX5902L/MAX5903L monitor the voltage drop across
the MOSFET. If the voltage drop exceeds the circuit
breaker threshold the MAX5902A/MAX5903A and
MAX5902L/MAX5903L turn off the MOSFET, discon-
VS
ON/OFF
GND
GND
GND
3V
MAX5902
MAX5903
828k
*900k
34.5k
1k
GATE
DRAIN
CONTROL
LOGIC
PGOOD
(PGOOD)
( ) ARE FOR THE MAX5903 ONLY
* RELATIVE TOLERANCE
±1%, ABSOLUTE TOLERANCE ±50% (TYP)
*650k
*
*
Figure 1. Functional Block Diagram
Pin Description
PIN
MAX5902
MAX5903
NAME
FUNCTION
11
VS
Positive Supply Voltage Input and External P-Channel MOSFET Source Connection
2
2
DRAIN
Drain Sense Input for External P-Channel MOSFET. Connect DRAIN as close as
possible to the MOSFET’s drain and use wide circuit traces to assure good thermal
coupling between the MAX5902/MAX5903 and the MOSFET. See Layout Guidelines.
3
3
GATE
Gate Drive Output for External P-Channel MOSFET
4
4
GND
Ground Connection
5
PGOOD
Power Good Output. PGOOD is an N-channel, open-drain, active-low output,
referenced to GND.
5
PGOOD
Power Good Output. PGOOD is an N-channel, open-drain, active-high output,
referenced to GND.
6
6
ON/OFF
ON/OFF Control Input. ON/OFF is referenced to GND. Drive ON/OFF above 1.38V or
leave unconnected to enable the device. Drive ON/OFF below 1V to disable the device.
ON/OFF is also used to adjust the UVLO threshold. Internally clamped to nominally 3V
through a 1k
Ω resistor. (See Figure 1.) (See Undervoltage Lockout in the Applications
section of this data sheet.)


Similar Part No. - MAX5903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5903 MAXIM-MAX5903 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5903AAEUT MAXIM-MAX5903AAEUT Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5903ABEUT MAXIM-MAX5903ABEUT Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5903ACEUT MAXIM-MAX5903ACEUT Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5903LAEUT MAXIM-MAX5903LAEUT Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results

Similar Description - MAX5903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com