Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLP8G21S-160PV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLP8G21S-160PV
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLP8G21S-160PV Datasheet(HTML) 4 Page - NXP Semiconductors

  BLP8G21S-160PV_15 Datasheet HTML 1Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 2Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 3Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 4Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 5Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 6Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 7Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 8Page - NXP Semiconductors BLP8G21S-160PV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLP8G21S-160PV
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 1 July 2014
4 of 11
NXP Semiconductors
BLP8G21S-160PV
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
Printed-Circuit Board (PCB): Rogers RO4350B; thickness = 0.76 mm.
See Table 9 for list of components.
Fig 2.
Component layout for test circuit
Table 9.
List of components
For test circuit, see Figure 2.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
30 pF
ATC800B
C2
multilayer ceramic chip capacitor
2.2
FMurata
C3
multilayer ceramic chip capacitor
10
FMurata
C4
electrolytic capacitor
1000
F, 63 V
R1
chip resistor
5.1
Vishay Dale SMD 0805


Similar Part No. - BLP8G21S-160PV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
BLP8G27-10 PHILIPS-BLP8G27-10_15 Datasheet
159Kb / 12P
   Power LDMOS transistor
Rev. 1-24 August 2015
More results

Similar Description - BLP8G21S-160PV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com