Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLP10H603 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLP10H603
Description  Broadband LDMOS driver transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLP10H603 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLP10H603_15 Datasheet HTML 1Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 2Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 3Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 4Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 5Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 6Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 7Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 8Page - NXP Semiconductors BLP10H603_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
A 2.5 W plastic LDMOS power transistor for broadcast transmitter and ISM applications at
frequencies from HF to 1400 MHz.
1.2 Features and benefits
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (HF to 1400 MHz)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLP10H603
Broadband LDMOS driver transistor
Rev. 1 — 2 October 2014
Product data sheet
Table 1.
Application performance
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
860
50
2.5
22.8
62


Similar Part No. - BLP10H603_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLP10H603 AMPLEON-BLP10H603 Datasheet
880Kb / 11P
   Broadband LDMOS driver transistor
Rev. 2 ??1 September 2015
More results

Similar Description - BLP10H603_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLP25M710 PHILIPS-BLP25M710_15 Datasheet
102Kb / 9P
   Broadband LDMOS driver transistor
Rev. 1-29 August 2013
BLP10H605 PHILIPS-BLP10H605_15 Datasheet
163Kb / 11P
   Broadband LDMOS driver transistor
Rev. 3-2 October 2014
logo
Ampleon Netherlands B.V...
BLP10H605 AMPLEON-BLP10H605 Datasheet
878Kb / 11P
   Broadband LDMOS driver transistor
Rev. 4 ??1 September 2015
logo
NXP Semiconductors
BLP10H610 PHILIPS-BLP10H610_15 Datasheet
150Kb / 11P
   Broadband LDMOS driver transistor
Rev. 3-25 September 2014
BLP25M705 PHILIPS-BLP25M705_15 Datasheet
103Kb / 9P
   Broadband LDMOS driver transistor
Rev. 2-9 February 2015
BLP25M705 NXP-BLP25M705 Datasheet
107Kb / 9P
   Broadband LDMOS driver transistor
Rev. 1-15 August 2013
logo
Ampleon Netherlands B.V...
BLP10H603 AMPLEON-BLP10H603 Datasheet
880Kb / 11P
   Broadband LDMOS driver transistor
Rev. 2 ??1 September 2015
BLP25M710 AMPLEON-BLP25M710 Datasheet
671Kb / 9P
   Broadband LDMOS driver transistor
Rev. 2 ??1 September 2015
BLP10H610 AMPLEON-BLP10H610 Datasheet
876Kb / 11P
   Broadband LDMOS driver transistor
Rev. 4 ??1 September 2015
BLP25M705 AMPLEON-BLP25M705 Datasheet
669Kb / 9P
   Broadband LDMOS driver transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com