Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLP10H605 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLP10H605
Description  Broadband LDMOS driver transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLP10H605 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLP10H605_15 Datasheet HTML 1Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 2Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 3Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 4Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 5Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 6Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 7Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 8Page - NXP Semiconductors BLP10H605_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BLP10H605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 2 October 2014
3 of 11
NXP Semiconductors
BLP10H605
Broadband LDMOS driver transistor
5.
Recommended operating conditions
See application note AN11520 for more details.
6.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions
7.
Characteristics
Fig 1.
Recommended operating area; case temperature as a function of power
dissipation
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 C; PL =5W
[1] 5.5
K/W
Table 6.
DC characteristics
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID =0.06mA
104
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 6 mA
1.25
1.7
2.25
V
VGSq
gate-source quiescent voltage VDS = 50 V; ID = 30 mA
1.35
1.78
2.25
V
IDSS
drain leakage current
VGS =0V; VDS = 50 V
--1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
-0.95
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
--140
nA
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID = 210 mA
-4580
-
m


Similar Part No. - BLP10H605_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLP10H605 AMPLEON-BLP10H605 Datasheet
878Kb / 11P
   Broadband LDMOS driver transistor
Rev. 4 ??1 September 2015
More results

Similar Description - BLP10H605_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLP25M710 PHILIPS-BLP25M710_15 Datasheet
102Kb / 9P
   Broadband LDMOS driver transistor
Rev. 1-29 August 2013
logo
Ampleon Netherlands B.V...
BLP10H605 AMPLEON-BLP10H605 Datasheet
878Kb / 11P
   Broadband LDMOS driver transistor
Rev. 4 ??1 September 2015
logo
NXP Semiconductors
BLP10H603 PHILIPS-BLP10H603_15 Datasheet
150Kb / 11P
   Broadband LDMOS driver transistor
Rev. 1-2 October 2014
BLP10H610 PHILIPS-BLP10H610_15 Datasheet
150Kb / 11P
   Broadband LDMOS driver transistor
Rev. 3-25 September 2014
BLP25M705 PHILIPS-BLP25M705_15 Datasheet
103Kb / 9P
   Broadband LDMOS driver transistor
Rev. 2-9 February 2015
BLP25M705 NXP-BLP25M705 Datasheet
107Kb / 9P
   Broadband LDMOS driver transistor
Rev. 1-15 August 2013
logo
Ampleon Netherlands B.V...
BLP10H603 AMPLEON-BLP10H603 Datasheet
880Kb / 11P
   Broadband LDMOS driver transistor
Rev. 2 ??1 September 2015
BLP25M710 AMPLEON-BLP25M710 Datasheet
671Kb / 9P
   Broadband LDMOS driver transistor
Rev. 2 ??1 September 2015
BLP10H610 AMPLEON-BLP10H610 Datasheet
876Kb / 11P
   Broadband LDMOS driver transistor
Rev. 4 ??1 September 2015
BLP25M705 AMPLEON-BLP25M705 Datasheet
669Kb / 9P
   Broadband LDMOS driver transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com