Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCF371 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCF371
Description  Sensorless Motor Control IC for Appliances
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371 Datasheet(HTML) 1 Page - International Rectifier

  IRMCF371 Datasheet HTML 1Page - International Rectifier IRMCF371 Datasheet HTML 2Page - International Rectifier IRMCF371 Datasheet HTML 3Page - International Rectifier IRMCF371 Datasheet HTML 4Page - International Rectifier IRMCF371 Datasheet HTML 5Page - International Rectifier IRMCF371 Datasheet HTML 6Page - International Rectifier IRMCF371 Datasheet HTML 7Page - International Rectifier IRMCF371 Datasheet HTML 8Page - International Rectifier IRMCF371 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev 1.1
Data Sheet No. PD60314
IRMCF371
Sensorless Motor Control IC for Appliances
Features
MCE
TM (Motion Control Engine) - Hardware based
computation engine for high efficiency sinusoidal
sensorless control of permanent magnet AC motor
Supports both interior and surface permanent
magnet motors
Built-in hardware peripheral for single shunt
current feedback reconstruction
No external current or voltage sensing operational
amplifier required
Three/two-phase Space Vector PWM
Analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
Serial communication interface (UART)
I
2C/SPI serial interface
Watchdog timer with independent analog clock
Three general purpose timers/counters
Two special timers: periodic timer, capture timer
External EEPROM and internal RAM facilitate
debugging and code development
Pin compatible with IRMCK371, OTP-ROM version
1.8V/3.3V CMOS
Product Summary
Maximum crystal frequency
60 MHz
Maximum internal clock (SYSCLK) frequency
128 MHz
Sensorless control computation time
11 μsec typ
MCE
TM computation data range
16 bit signed
Program RAM loaded from external EEPROM 48K bytes
Data RAM
8K bytes
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency counter
16 bits/ SYSCLK
A/D input channels
4
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
8051 instruction execution speed
2 SYSCLK
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Number of I/O (max)
13
Package (lead-free)
QFP48
Description
IRMCF371 is a high performance RAM based motion control IC designed primarily for appliance applications. IRMCF371 is
designed to achieve low cost and high performance control solutions for advanced inverterized appliance motor control.
IRMCF371 contains two computation engines. One is Motion Control Engine (MCE
TM) for sensorless control of permanent
magnet motors; the other is an 8-bit high-speed microcontroller (8051). Both computation engines are integrated into one
monolithic chip. The MCE
TM contains a collection of control elements such as Proportional plus Integral, Vector rotator, Angle
estimator, Multiply/Divide, Low loss SVPWM, Single Shunt IFB. The user can program a motion control algorithm by
connecting these control elements using a graphic compiler. Key components of the sensorless control algorithms, such as the
Angle Estimator, are provided as complete pre-defined control blocks implemented in hardware. A unique analog/digital circuit
and algorithm to fully support single shunt current reconstruction is also provided. The 8051 microcontroller performs 2-cycle
instruction execution (60MIPS at 120MHz). The MCE and 8051 microcontroller are connected via dual port RAM to process
signal monitoring and command input. An advanced graphic compiler for the MCE
TM is seamlessly integrated into the
MATLAB/Simulink environment, while third party JTAG based emulator tools are supported for 8051 developments. IRMCF371
comes with a small QFP48 pin lead-free package.


Similar Part No. - IRMCF371

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371TR IRF-IRMCF371TR Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371TY IRF-IRMCF371TY Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
More results

Similar Description - IRMCF371

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF341 IRF-IRMCF341_15 Datasheet
659Kb / 32P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com