Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCF341 Datasheet(PDF) 4 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 4 Page - International Rectifier

  IRMCF341 Datasheet HTML 1Page - International Rectifier IRMCF341 Datasheet HTML 2Page - International Rectifier IRMCF341 Datasheet HTML 3Page - International Rectifier IRMCF341 Datasheet HTML 4Page - International Rectifier IRMCF341 Datasheet HTML 5Page - International Rectifier IRMCF341 Datasheet HTML 6Page - International Rectifier IRMCF341 Datasheet HTML 7Page - International Rectifier IRMCF341 Datasheet HTML 8Page - International Rectifier IRMCF341 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IRMCF341
4
1 Overview
IRMCF341 is a new International Rectifier integrated circuit device primarily designed as a one-
chip solution for complete inverter controlled appliance motor control applications. Unlike a
traditional microcontroller or DSP, the IRMCF341 provides a built-in closed loop sensorless
control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet motors.
The MCETM consists of a collection of control elements, motion peripherals, a dedicated motion
control sequencer and dual port RAM to map internal signal nodes. IRMCF341 also employs a
unique single shunt current reconstruction circuit to eliminate additional analog/digital circuitry and
enables a direct shunt resistor interface to the IC. Motion control programming is achieved using a
dedicated graphical compiler integrated into the MATLAB/SimulinkTM development environment.
Sequencing, user interface, host communication, and upper layer control tasks can be
implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is equipped
with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical application
schematic using the IRMCF341.
IRMCF341 is intended for development purpose and contains 48K bytes of RAM, which can be
loaded from external EEPROM for 8051 program execution. For high volume production,
IRMCK341 contains OTP ROM in place of program RAM to reduce the cost. Both IRMCF341 and
IRMCK341 come in the same 64-pin QFP package with identical pin configuration to facilitate PC
board layout and transition to mass production
IRMCF341
Multiple
Output
Power
Supply
HVIC
Gate Drive
&
Protection
Circuit
Upto 24 Digital
Input/Output
I2C Interface
to EEPROM
7 Analog Input
Appliance Inverter
3.3
V
1.8
V
Passive
EMI
Filter
UART interface
to Front Panel
Motor
(PMSM)
Figure 1.
Typical Application Block Diagram Using IRMCF341


Similar Part No. - IRMCF341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF341 IRF-IRMCF341 Datasheet
273Kb / 8P
   High Performance Appliance Motor Control IC
More results

Similar Description - IRMCF341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_15 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com