Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S57A1 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S57A1
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S57A1 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S57A1 Datasheet HTML 1Page - Seiko Instruments Inc S57A1 Datasheet HTML 2Page - Seiko Instruments Inc S57A1 Datasheet HTML 3Page - Seiko Instruments Inc S57A1 Datasheet HTML 4Page - Seiko Instruments Inc S57A1 Datasheet HTML 5Page - Seiko Instruments Inc S57A1 Datasheet HTML 6Page - Seiko Instruments Inc S57A1 Datasheet HTML 7Page - Seiko Instruments Inc S57A1 Datasheet HTML 8Page - Seiko Instruments Inc S57A1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1 A Series
Rev.1.6_00
Seiko Instruments Inc.
4
Pin Configuration
1. SOT-23-3
23
1
Top view
Figure 3
Table 3
Pin No.
Symbol
Description
1
VSS
GND pin
2
VDD
Power supply pin
3
OUT
Output pin
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 28.0 to VSS + 28.0
V
Output current
IOUT
20
mA
Output voltage
Nch open-drain output product
VOUT
VSS
− 0.3 to VSS + 28.0
V
Nch driver
+ built-in pull-up resistor product
VSS
− 0.3 to VDD + 0.3
V
Power dissipation
PD
650
*1
mW
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−40 to +150
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
600
400
0
200
0
50
100
150
500
300
100
700
Ambient temperature (Ta) [
°C]
Figure 4 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S57A1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S57 SUMIDA-S57 Datasheet
158Kb / 1P
   RF COILS
logo
Bel Fuse Inc.
S570-1328-00 BEL-S570-1328-00 Datasheet
48Kb / 1P
   COMMON MODE CHOKE
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results

Similar Description - S57A1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19311 SII-S19311 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57P1 SII-S57P1 Datasheet
396Kb / 16P
   FOR AUTOMOTIVE 150C OPERATION HIGH-WITHSTAND VOLTAGE
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com