Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005CT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG3005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3005CT Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG3005CT_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3005CT_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier in
common cathode configuration with an integrated guard ring for stress protection,
encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
PMEG3005CT
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 — 20 September 2010
Product data sheet
Average forward current: IF(AV) ≤ 0.5 A
AEC-Q101 qualified
Reverse voltage: VR ≤ 30 V
Small SMD plastic package
Low forward voltage
Low voltage rectification
Reverse polarity protection
High efficiency DC-to-DC conversion
High-speed switching
Switch Mode Power Supply (SMPS)
Low power consumption applications
Table 1.
Quick reference data
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 95 °C
[1] --
0.5
A
Tsp ≤ 130 °C-
-
0.5
A
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 0.5 A
-
375
430
mV
IR
reverse current
VR =30V
-
40
150
μA


Similar Part No. - PMEG3005CT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
More results

Similar Description - PMEG3005CT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG3005CT NXP-PMEG3005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
   500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
logo
NXP Semiconductors
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com