Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLTS2242PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLTS2242PBF
Description  Industry-Standard TSOP-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLTS2242PBF Datasheet(HTML) 8 Page - International Rectifier

  IRLTS2242PBF_15 Datasheet HTML 1Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 2Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 3Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 4Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 5Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 6Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 7Page - International Rectifier IRLTS2242PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
 
IRLTS2242PbF
8
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 18, 2014
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Qualifiction Information 
Qualification Level  
Consumer††
(per JEDEC JESD47F†††guidelines)
Moisture Sensitivity Level
TSOP-6
MSL1
(per IPC/JEDEC J-STD-020D††)
RoHS Compliant
Yes
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Revision History
Date
Comment
11/18/2014
 Updated data sheet with IR corporate template.
Updated figure 12 on page 5 for VGS from “20V” to “12V” due to error.
8mm
FEED DIRECTION
4mm
NOTES :
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
TSOP-6 Tape and Reel Information


Similar Part No. - IRLTS2242PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
More results

Similar Description - IRLTS2242PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF_15 Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout TSOP-6 Package
logo
KEC(Korea Electronics)
KMA2D8P20X KEC-KMA2D8P20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA2D7DP20X KEC-KMA2D7DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA6D0P20X KEC-KMA6D0P20X Datasheet
15Kb / 1P
   TSOP-6 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com