Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5863 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5863
Description  Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5863 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5863 Datasheet HTML 1Page - Maxim Integrated Products MAX5863 Datasheet HTML 2Page - Maxim Integrated Products MAX5863 Datasheet HTML 3Page - Maxim Integrated Products MAX5863 Datasheet HTML 4Page - Maxim Integrated Products MAX5863 Datasheet HTML 5Page - Maxim Integrated Products MAX5863 Datasheet HTML 6Page - Maxim Integrated Products MAX5863 Datasheet HTML 7Page - Maxim Integrated Products MAX5863 Datasheet HTML 8Page - Maxim Integrated Products MAX5863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX5863 ultra-low-power, highly integrated analog
front end is ideal for portable communication equipment
such as handsets, PDAs, WLAN, and 3G wireless termi-
nals. The MAX5863 integrates dual 8-bit receive ADCs
and dual 10-bit transmit DACs while providing the high-
est dynamic performance at ultra-low power. The ADCs’
analog I-Q input amplifiers are fully differential and
accept 1VP-P full-scale signals. Typical I-Q channel
phase matching is
±0.03° and amplitude matching is
±0.03dB. The ADCs feature 48.5dB SINAD and 69dBc
spurious-free dynamic range (SFDR) at fIN = 1.875MHz
and fCLK = 7.5Msps. The DACs’ analog I-Q outputs are
fully differential with
±400mV full-scale output, and 1.4V
common-mode level. Typical I-Q channel phase match is
±0.15° and gain match is ±0.05dB. The DACs also fea-
ture dual 10-bit resolution with 73dBc SFDR, and 61dB
SNR at fOUT = 620kHz and fCLK = 7.5MHz.
The ADCs and DACs operate simultaneously or indepen-
dently for frequency-division duplex (FDD) and time-divi-
sion duplex (TDD) modes. A 3-wire serial interface
controls power-down and transceiver modes of opera-
tion. The typical operating power is 22.8mW at fCLK =
7.5Msps with the ADCs and DACs operating simultane-
ously in transceiver mode. The MAX5863 features an
internal 1.024V voltage reference that is stable over the
entire operating power-supply range and temperature
range. The MAX5863 operates on a +2.7V to +3.3V ana-
log power supply and a +1.8V to +3.3V digital I/O power
supply for logic compatibility. The quiescent current is
3.5mA in idle mode and 1µA in shutdown mode. The
MAX5863 is specified for the extended (-40°C to +85°C)
temperature range and is available in a 48-pin thin QFN
package.
Applications
Narrowband/Wideband CDMA Handsets
and PDAs
Fixed/Mobile Broadband Wireless Modems
3G Wireless Terminals
Features
o Integrated Dual 8-Bit ADCs and Dual 10-Bit DACs
o Ultra-Low Power
22.8mW at fCLK = 7.5MHz (Transceiver Mode)
20.7mW at fCLK = 5.2MHz (Transceiver Mode)
Low-Current Idle and Shutdown Modes
o Excellent Dynamic Performance
48.5dB SINAD at fIN = 1.875MHz (ADC)
73dBc SFDR at fOUT = 620kHz (DAC)
o Excellent Gain/Phase Match
±0.03° Phase, ±0.03dB Gain at fIN = 1.875MHz
(ADC)
o Internal/External Reference Option
o +1.8V to +3.3V Digital Output Level (TTL/CMOS
Compatible)
o Multiplexed Parallel Digital Input/Output for
ADCs/DACs
o Miniature 48-Pin Thin QFN Package (7mm 7mm)
o Evaluation Kit Available (Order MAX5865EVKIT)
Ultra-Low-Power, High-Dynamic
Performance, 7.5Msps Analog Front End
________________________________________________________________ Maxim Integrated Products
1
ADC
ADC
IA+
IA-
QA+
QA-
ID+
ID-
QD+
QD-
REFP
COM
REFN
DIN
SCLK
CS
REFIN
DAC
DAC
ADC
OUTPUT
MUX
DAC
INPUT
MUX
CLK
DA0–DA7
DD0–DD9
MAX5863
REF AND
BIAS
SERIAL
INTERFACE
AND SYSTEM
CONTROL
Functional Diagram
19-2914; Rev 1; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX5863ETM
-40
°C to +85°C
48 Thin QFN-EP*
(7mm x 7mm)
MAX5863E/D
-40
°C to +85°C
Dice**
*EP = Exposed paddle.
**Contact factory for dice specifications.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX5863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864E/D MAXIM-MAX5864E/D Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864ETM MAXIM-MAX5864ETM Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
More results

Similar Description - MAX5863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5865 MAXIM-MAX5865 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
19-2916; Rev 1; 10/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com