Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3002AESF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG3002AESF
Description  30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3002AESF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG3002AESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG3002AESF_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PMEG3002AESF
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002AESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
13 February 2015
8 / 14
aaa-011536
VR (V)
0
30
20
10
0.08
0.12
0.04
0.16
0.20
PR(AV)
(W)
0
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
Fig. 8. Average reverse power dissipation as a
function of reverse voltage; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
aaa-011537
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, standard footprint
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 9. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
aaa-011538
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, mounting pad for anode and cathode 1
cm2 each
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 10. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
aaa-011539
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 11. Average forward current as a function of
ambient temperature; typical values


Similar Part No. - PMEG3002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3002AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002ESF NEXPERIA-PMEG3002ESF Datasheet
704Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3002ESF PHILIPS-PMEG3002ESF_15 Datasheet
193Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
17 February 2015
PMEG3002AELD NXP-PMEG3002AELD Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
logo
Nexperia B.V. All right...
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com