Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5856A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5856A
Description  Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5856A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5856A Datasheet HTML 7Page - Maxim Integrated Products MAX5856A Datasheet HTML 8Page - Maxim Integrated Products MAX5856A Datasheet HTML 9Page - Maxim Integrated Products MAX5856A Datasheet HTML 10Page - Maxim Integrated Products MAX5856A Datasheet HTML 11Page - Maxim Integrated Products MAX5856A Datasheet HTML 12Page - Maxim Integrated Products MAX5856A Datasheet HTML 13Page - Maxim Integrated Products MAX5856A Datasheet HTML 14Page - Maxim Integrated Products MAX5856A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Dual 8-Bit, 300Msps DAC with 4x/2x/1x
Interpolation Filters and PLL
______________________________________________________________________________________
11
DYNAMIC RESPONSE FALL TIME
MAX5856A toc30
10ns/div
RL = 50
SINGLE ENDED
200mV/div
DYNAMIC RESPONSE RISE TIME
MAX5856A toc29
10ns/div
200mV/div
RL = 50
SINGLE ENDED
Typical Operating Characteristics (continued)
(AVDD = DVDD = PVDD = 3V, AGND = DGND = PGND = 0, external reference = 1.2V, no interpolation, PLL disabled, IFS = 20mA,
differential output, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
DA7/PD
Channel A Input Data Bit 7 (MSB)/Power-Down Control Bit:
0: Enter DAC standby mode (DACEN = 0) or power up DAC (DACEN = 1).
1: Enter power-down mode.
2
DA6/DACEN
Channel A Input Data Bit 6/DAC Enable Control Bit:
0: Enter DAC standby mode with PD = 0.
1: Power up DAC with PD = 0.
X: Enter power-down mode with PD = 1 (X = don’t care).
3
DA5/F2EN
Channel A Input Data Bit 5/Second Interpolation Filter Enable Bit:
0: Interpolation mode is determined by F1EN.
1: Enable 4x interpolation mode. (F1EN must equal 1.)
4
DA4/F1EN
Channel A Input Data Bit 4/First Interpolation Filter Enable Bit:
0: Interpolation disable.
1: Enable 2x interpolation.
5
DA3/G3
Channel A Input Data Bit 3/Channel A Gain Adjustment Bit 3
6, 19, 47
DGND
Digital Ground
7, 18, 48
DVDD
Digital Power Supply. See Power Supplies, Bypassing, Decoupling, and Layout section.
8
DA2/G2
Channel A Input Data Bit 2/Channel A Gain Adjustment Bit 2
9
DA1/G1
Channel A Input Data Bit 1/Channel A Gain Adjustment Bit 1
10
DA0/G0
Channel A Input Data Bit 0/Channel A Gain Adjustment Bit 0
11, 12, 25,
26, 37, 38
N.C.
No Connection. Not connected internally.
13
DB7
Channel B Input Data Bit 7 (MSB)
14
DB6
Channel B Input Data Bit 6


Similar Part No. - MAX5856A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5851 MAXIM-MAX5851 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5852 MAXIM-MAX5852 Datasheet
1Mb / 18P
   Dual, 8-Bit, 165Msps, Current-Output DAC
Rev 0; 4/04
MAX5852 MAXIM-MAX5852 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5852ETL MAXIM-MAX5852ETL Datasheet
1Mb / 18P
   Dual, 8-Bit, 165Msps, Current-Output DAC
Rev 0; 4/04
MAX5853 MAXIM-MAX5853 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
More results

Similar Description - MAX5856A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
   300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com