Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5839BCMH Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5839BCMH
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5839BCMH Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5839BCMH Datasheet HTML 1Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 2Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 3Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 4Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 5Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 6Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 7Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 8Page - Maxim Integrated Products MAX5839BCMH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, RL = 10k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
INTERFACE TIMING CHARACTERISTICS
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, Figure 2, TA = TMIN
to TMAX, unless otherwise noted.)
(Note 1)
CONDITIONS
k
40
84
Input Impedance per DAC
µA
-165
100
Input Current per DAC
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0 or VCC
µA
-1
1
IIN
V
-2
2
Input Range
Input Current
V
4.75
5
5.25
VCC
Digital Power Supply
V
714
VDD
VDD Analog Power-Supply
Range
V
-9
-5
VSS
VSS Analog Power-Supply
Range
VSS = -9V ±5%
VDD = 14V ±5%
dB
98
RL =
dB
RL =
94
PSRR,
∆VOUT / ∆VDD
(Note 3)
PSRR,
∆VOUT / ∆VSS
mA
912
ISS
mA
10
13
IDD
Positive Supply Current
Negative Supply Current
0.5
(Note 4)
mA
5
ICC
Digital Supply Current
ns
0
t4
ns
50
t3
LD Pulse Width Low
CS Low to WR Low
CONDITIONS
ns
50
t1
CS Pulse Width Low
ns
50
t2
WR Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
15
t8
ns
0
t7
Data Valid to WR Hold
Address Valid to WR Setup
ns
0
t5
CS High to WR High
ns
50
t6
Data Valid to WR Setup
ns
0
t9
Address Valid to WR Hold
(Note 1)
pF
10
CIN
Input Capacitance
V
2.4
VIH
Input Voltage High
V
0.8
VIL
Input Voltage Low
DUTGND_ _ CHARACTERISTICS
POWER SUPPLIES
DIGITAL INPUTS


Similar Part No. - MAX5839BCMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5801 MAXIM-MAX5801 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5802 MAXIM-MAX5802 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5803ATB MAXIM-MAX5803ATB Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
More results

Similar Description - MAX5839BCMH

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com