Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5812PEUT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5812PEUT
Description  12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5812PEUT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5812PEUT Datasheet HTML 1Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 2Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 3Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5812PEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
12-Bit Low-Power, 2-Wire, Serial
Voltage-Output DAC
4
_______________________________________________________________________________________
-4
-3
-2
-1
0
1
2
3
4
0
1024
2048
3072
4096
INTEGRAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
0
1
3
2
4
5
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
4.1
3.4
4.8
5.5
0
1
3
2
4
5
-40
10
-15
35
60
85
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
0
1024
2048
3072
4096
DIFFERENTIAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
-1.00
-0.50
-0.75
-0.25
0
DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
4.1
3.4
4.8
5.5
-1.00
-0.50
-0.75
-0.25
0
-40
10
-15
35
60
85
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
0
2
6
4
8
10
ZERO-CODE ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
4.1
3.4
4.8
5.5
NO LOAD
0
2
6
4
8
10
-40
10
-15
35
60
85
ZERO-CODE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD
0
-0.4
-1.2
-0.8
-1.6
-2.0
GAIN ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
4.1
3.4
4.8
5.5
NO LOAD
Typical Operating Characteristics
(VDD = +5V, RL = 5k
Ω, TA = +25°C.)


Similar Part No. - MAX5812PEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811LEUT-T MAXIM-MAX5811LEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811MEUT-T MAXIM-MAX5811MEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811NEUT-T MAXIM-MAX5811NEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811PEUT-T MAXIM-MAX5811PEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
More results

Similar Description - MAX5812PEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
   Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5821 MAXIM-MAX5821 Datasheet
419Kb / 13P
   Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com