Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX541BEPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX541BEPA
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541BEPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX541BEPA Datasheet HTML 1Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 2Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 3Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 4Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 5Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 6Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 7Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 8Page - Maxim Integrated Products MAX541BEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, VREF = +2.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ...........................................................-0.3V to +6V
CS, SCLK, DIN, LDAC to DGND ..............................-0.3V to +6V
REF, REFF, REFS to AGND ........................-0.3V to (VDD + 0.3V)
AGND, AGNDF, AGNDS to DGND........................-0.3V to +0.3V
OUT, INV to AGND, DGND ......................................-0.3V to VDD
RFB to AGND, DGND..................................................-6V to +6V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C) .................471mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ...800mW
14-Pin SO (derate 8.33mW/°C above +70°C) ...............667mW
14-Pin Ceramic SB (derate 10.00mW/°C above +70°C ..800mW
Operating Temperature Ranges
MAX541 _C_ A/MAX542_C_D. .............................0°C to +70°C
MAX541 _E_ A/MAX542_E_D............................-40°C to +85°C
MAX542CMJD .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX542, bipolar mode
Unipolar mode
(Note 3)
4.75V
≤ VDD ≤ 5.25V
MAX542
TA = TMIN to TMAX
TA = +25°C
Ratio error
TA = +25°C
TA = TMIN to TMAX
VDD = 5V
TA = +25°C
RFB/RINV
TA = TMIN to TMAX
(Note 2)
CONDITIONS
k
9.0
RREF
Reference Input Resistance
(Note 4)
11.5
V
2.0
3.0
VREF
Reference Input Range
PSR
Power-Supply Rejection
LSB
±1.0
ppm/°C
±0.5
BZSTC
Bipolar Zero Tempco
LSB
±10
±0.015
Bipolar Resistor Matching
1.0
ROUT
DAC Output Resistance
k
6.25
±0.5
±1.0
Bits
16
N
Resolution
ppm/°C
±0.1
Gain-Error Tempco
LSB
±10
Gain Error (Note 1)
±5
ppm/°C
±0.05
ZSTC
Zero-Code Tempco
LSB
±0.5
±2.0
INL
Integral Nonlinearity
±0.5
±4.0
±1
±2
Zero-Code Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ZSE
LSB
MAX54_A
MAX54_B
TA = TMIN to TMAX
±20
Bipolar Zero Offset Error
CL = 10pF (Note 5)
25
V/µs
SR
Voltage-Output Slew Rate
DYNAMIC PERFORMANCE—ANALOG SECTION (RL =
∞, unipolar mode)
to ±1/2LSB of FS, CL = 10pF
1
µs
Output Settling Time
Guaranteed monotonic
LSB
±0.5
±1.0
DNL
Differential Nonlinearity
MAX54_C
STATIC PERFORMANCE—ANALOG SECTION (RL =
∞)
REFERENCE INPUT
MAX542
MAX542
%


Similar Part No. - MAX541BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411EEE MAXIM-MAX5411EEE Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX541BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com