Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX542CMJD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX542CMJD
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX542CMJD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX542CMJD Datasheet HTML 1Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 2Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 3Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 4Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 5Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 6Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 7Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 8Page - Maxim Integrated Products MAX542CMJD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VREF = +2.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS
(VDD = +5V ±5%, VREF = +2.5V, AGND = DGND = 0, CMOS inputs, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Gain Error tested at VREF = 2.0V, 2.5V, and 3.0V.
Note 2: ROUT tolerance is typically ±20%.
Note 3: Min/max range guaranteed by gain-error test. Operation outside min/max limits will result in degraded performance.
Note 4: Reference input resistance is code dependent, minimum at 8555 hex.
Note 5: Slew-rate value is measured from 0% to 63%.
Note 6: Guaranteed by design. Not production tested.
Code = 0000 hex; CS = VDD; LDAC = 0;
SCLK, DIN = 0 to VDD levels
Major-carry transition
VIN = 0
Code = 0000 hex, VREF = 1Vp-p at 100kHz
Code = 0000 hex
Code = FFFF hex
(Note 6)
CONDITIONS
mW
1.5
PD
Power Dissipation
mA
0.3
1.1
IDD
Positive Supply Current
V
4.75
5.25
VDD
Positive Supply Range
V
0.40
VH
Hysteresis Voltage
pF
10
CIN
Input Capacitance
mVp-p
1
nVs
10
nVs
10
DAC Glitch Impulse
Digital Feedthrough
µA
±1
IIN
Input Current
V
0.8
VIL
Input Low Voltage
V
2.4
VIH
Input High Voltage
Reference Feedthrough
dB
92
SNR
Signal-to-Noise Ratio
75
pF
120
CIN
Reference Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX542 (Note 6)
MAX542
(Note 6)
CONDITIONS
µs
20
VDD High to CS Low
(power-up delay)
ns
45
tCL
SCLK Pulse Width Low
ns
45
tCH
MHz
10
fCLK
SCLK Frequency
SCLK Pulse Width High
ns
50
tLDACS
CS High to LDAC Low Setup
ns
50
tLDAC
LDAC Pulse Width
ns
0
tDH
DIN to SCLK High Hold
ns
40
tDS
DIN to SCLK High Setup
ns
45
tCSS0
CS Low to SCLK High Setup
ns
45
tCSS1
CS High to SCLK High Setup
ns
30
tCSH0
SCLK High to CS Low Hold
ns
45
tCSH1
SCLK High to CS High Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Code = FFFF hex
MHz
1
BW
Reference -3dB Bandwidth
DYNAMIC PERFORMANCE—REFERENCE SECTION
STATIC PERFORMANCE—DIGITAL INPUTS
POWER SUPPLY


Similar Part No. - MAX542CMJD

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MAX542 AMD-MAX542 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
Maxim Integrated Produc...
MAX542 MAXIM-MAX542 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5420 MAXIM-MAX5420 Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420AEUA MAXIM-MAX5420AEUA Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420BEUA MAXIM-MAX5420BEUA Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
More results

Similar Description - MAX542CMJD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com