Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8721PBF-1 Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR8721PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF-1 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR8721PBF-1 Datasheet HTML 4Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 5Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 6Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 7Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 8Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 9Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 10Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 11Page - International Rectifier IRLR8721PBF-1 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRLR8721PbF-1
10
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 30, 2014
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
INT ERNAT IONAL
ASS EMBLED ON WW 16, 2001
IN T HE AS SEMBLY LINE "A"
OR
Note: "P" in ass embly line position
EXAMPLE:
LOT CODE 1234
T HIS IS AN IRFR120
WIT H ASS EMBLY
indicates "Lead-Free"
PRODUCT (OPTIONAL)
P = DESIGNAT ES LEAD-FREE
A = AS SEMBLY SIT E CODE
PART NUMBER
WEEK 16
DAT E CODE
YEAR 1 = 2001
RECTIFIER
INT ERNAT IONAL
LOGO
LOT CODE
ASSEMBLY
34
12
IRFR120
116A
LINE A
34
RECT IFIER
LOGO
IRFR120
12
ASS EMBLY
LOT CODE
YEAR 1 = 2001
DAT E CODE
PART NUMBER
WEEK 16
"P" in ass embly line pos ition indicates
"Lead-Free" qualification to the consumer-level
P = DESIGNAT ES LEAD-FREE
PRODUCT QUALIFIED TO THE
CONS UMER LEVEL (OPT IONAL)


Similar Part No. - IRLR8721PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8721PBF IRF-IRLR8721PBF Datasheet
364Kb / 11P
   HEXFET Power MOSFET
IRLR8721PBF IRF-IRLR8721PBF Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
IRLR8721PBF IRF-IRLR8721PBF_15 Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8721PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com