Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8259PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLR8259PBF
Description  Ultra-Low Gate Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8259PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLR8259PBF Datasheet HTML 1Page - International Rectifier IRLR8259PBF Datasheet HTML 2Page - International Rectifier IRLR8259PBF Datasheet HTML 3Page - International Rectifier IRLR8259PBF Datasheet HTML 4Page - International Rectifier IRLR8259PBF Datasheet HTML 5Page - International Rectifier IRLR8259PBF Datasheet HTML 6Page - International Rectifier IRLR8259PBF Datasheet HTML 7Page - International Rectifier IRLR8259PBF Datasheet HTML 8Page - International Rectifier IRLR8259PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRLR/U8259PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Threshold Voltage vs. Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.08148
0.000017
0.88089
0.000107
1.48814
0.001018
0.69949
0.006290
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 25µA
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
Limited By Package


Similar Part No. - IRLR8259PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF Datasheet
375Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLR8259PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com