Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5742AUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5742AUB
Description  12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5742AUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5742AUB Datasheet HTML 1Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 2Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 3Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 4Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 5Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 6Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 7Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 8Page - Maxim Integrated Products MAX5742AUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
12-Bit, Low-Power, Quad, Voltage-Output
DAC with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
VDD = +5V, TA = +25°C.)
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V, GND = 0, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: DC specifications are tested without output loads.
Note 2: Linearity guaranteed from code 115 to code 3981.
Note 3: Limited with test conditions.
Note 4: Offset and gain error limit the FSR.
Note 5: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS)
Input High Voltage
VIH
VDD = +3V, +5V
0.7 x
VDD
V
Input Low Voltage
VIL
VDD = +3V, +5V
0.3 x
VDD
V
Input Leakage Current
IIN
Digital inputs = 0 or VDD
±0.1
±1µA
Input Capacitance
CIN
5pF
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
SR
0.5
V/µs
Voltage Output Settling Time
400 hex to C00 hex (Note 5)
4
10
µs
Digital Feedthrough
Any digital inputs from 0 to VDD
0.1
nV-s
Digital-Analog Glitch Impulse
Major carry transition (code 7FF hex to code
800 hex)
12
nV-s
DAC-to-DAC Crosstalk
2.4
nV-s
POWER REQUIREMENTS
Supply-Voltage Range
VDD
2.7
5.5
V
All digital inputs at 0 or VDD = 3.6V
229
395
Supply Current with No Load
IDD
All digital inputs at 0 or VDD = 5.5V
271
420
µA
Power-Down Supply Current
IDDPD
All digital inputs at 0 or VDD = 5.5V
0.29
1
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Clock Frequency
f SCLK
0
20
MHz
SCLK Pulse Width High
tCH
25
ns
SCLK Pulse Width Low
tCL
25
ns
CS Fall to SCLK Rise Setup Time
tCSS
10
ns
SCLK Fall to
CS Rise Setup Time
tCSH
10
ns
DIN to SCLK Fall Setup Time
tDS
15
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse Width High
tCSW
80
ns


Similar Part No. - MAX5742AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741AUB MAXIM-MAX5741AUB Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741EUB MAXIM-MAX5741EUB Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
More results

Similar Description - MAX5742AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com