Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYK57133CMSE Datasheet(PDF) 1 Page - International Rectifier

Part # IRHYK57133CMSE
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYK57133CMSE Datasheet(HTML) 1 Page - International Rectifier

  IRHYK57133CMSE_15 Datasheet HTML 1Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 2Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 3Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 4Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 5Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 6Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 7Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RADIATION HARDENED
IRHYK57133CMSE
POWER MOSFET
SURFACE MOUNT (Low-Ohmic TO-257AA)
130V, N-CHANNEL
™
TECHNOLOGY
5
5
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
20
ID@ VGS = 12V, TC = 100°C Continuous Drain Current
12.5
IDM
Pulsed Drain Current
À
80
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
73
mJ
IAR
Avalanche Current
À
20
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
11.3
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pack. Mounting Surface Temp.
300 (for 5s)
Weight
3.7 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical
parameters.
oC
A
www.irf.com
1
™
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHYK57133CMSE
100K Rads (Si)
0.082
Ω 20A
For footnotes refer to the last page
10/28/04
Low-Ohmic
TO-257AA
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Ceramic Eyelets
n
Electrically Isolated
n Light Weight
PD - 96898


Similar Part No. - IRHYK57133CMSE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYK57133CMSE IRF-IRHYK57133CMSE Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYK57133CMSE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com