Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYB67134CM Datasheet(PDF) 3 Page - International Rectifier

Part # IRHYB67134CM
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67134CM Datasheet(HTML) 3 Page - International Rectifier

  IRHYB67134CM Datasheet HTML 1Page - International Rectifier IRHYB67134CM Datasheet HTML 2Page - International Rectifier IRHYB67134CM Datasheet HTML 3Page - International Rectifier IRHYB67134CM Datasheet HTML 4Page - International Rectifier IRHYB67134CM Datasheet HTML 5Page - International Rectifier IRHYB67134CM Datasheet HTML 6Page - International Rectifier IRHYB67134CM Datasheet HTML 7Page - International Rectifier IRHYB67134CM Datasheet HTML 8Page - International Rectifier IRHYB67134CM Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHYB67134CM
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Typical Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
1. Part numbers IRHYB67134CM and IRHYB63134CM
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads (Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
150
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS= 120V, VGS = 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.092
VGS = 12V, ID = 12A
RDS(on)
Static Drain-to-Source On-State
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 19A
Resistance (Low Ohmic TO-257)
0.090
VGS = 12V, ID = 12A
Table 2. Typical Single Event Effect Safe Operating Area
LET
Energy
RangeVDS (V)
(MeV/(mg/cm
2))
(MeV)
(µm)
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
0V
-5V
-10V
-15V
-20V
39 ± 5%
410 ± 5%
50 ± 5%
150
150
150
150
150
61 ± 5%
825 ± 5%
66 ± 7.5%
150
150
150
40
-
90 ± 5%
1470 ± 5%
80 ± 5%
50
50
30
-
-
0
25
50
75
100
125
150
175
-20
-15
-10
-5
0
Bias VGS (V)
LET=39 ± 5%
LET=61 ± 5%
LET=90 ± 5%


Similar Part No. - IRHYB67134CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYB67134CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com