Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYB67134CM Datasheet(PDF) 8 Page - International Rectifier

Part # IRHYB67134CM
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67134CM Datasheet(HTML) 8 Page - International Rectifier

  IRHYB67134CM_15 Datasheet HTML 1Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 2Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 3Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 4Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 5Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 6Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 7Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 8Page - International Rectifier IRHYB67134CM_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRHYB67134CM
Pre-Irradiation
8
www.irf.com
.
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12V
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 16a. Unclamped Inductive Test Circuit
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDD
VGS


Similar Part No. - IRHYB67134CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYB67134CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com