Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLED150W-036-C4200-X-HV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VLED150W-036-C4200-X-HV
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED150W-036-C4200-X-HV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VLED150W-036-C4200-X-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED150W-036-C4200-X-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED150W-036-C4200-X-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED150W-036-C4200-X-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Electrical Specifications
Input Voltage Range:
347-480 Nom. Vac (312-512 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 75-100% load, 347-480V
Inrush Current:
20 Amps max @ 480Vac, cold start 25ºC
Input Current:
0.70A max @ 347Vac, 0.42A max @ 480Vac
Maximum Power:
150W
Line Regulation:
± 1%
Load Regulation:
± 3%
THD:
<_ 20% @ 75-100% load, 347-480V
Leakage Current:
1 mA @ 480VAC, 60Hz
Typical Efficiency
89-91% at 347VAC
Turn-on Delay:
1S max
Protection:
Over-Voltage, Over-Temperature (105°C),
and Short Circuit Protection
Environmental Specifications
Minimum Starting Temp: -40ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
250,000 Hours @ 480VAC input, 80% load and 25ºC
ambient conditions per MIL-HDBK-217F
Lifetime:
145,700 Hours @ 480Vac, 80% load and 45ºC ambient
Weight:
2.87 lbs. (1300g)
VLED-150W-HV Series
347-480V Input, Fixed & Dimmable Output
Switch Mode LED Drivers
Constant Current with Isolation
Aluminum Housing
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
VLED150W-258-C0580-X-HV
580
129-258
150
91%
VLED150W-214-C0700-X-HV
700
107-214
150
91%
VLED150W-142-C1050-X-HV
1050
71-142
150
90%
VLED150W-107-C1400-X-HV
1400
53-107
150
90%
VLED150W-071-C2100-X-HV
2100
36-71
150
90%
VLED150W-054-C2800-X-HV
2800
27-54
150
90%
VLED150W-043-C3500-X-HV
3500
21-43
150
89%
VLED150W-036-C4200-X-HV
4200
18-36
150
89%
Ordering Options:
-D:
0-10V dimmable version comes with an extra three wires Purple/Gray/Blk-Wht on the
output side. Dimming is compatible with most quality 0-10V wall dimmers and direct
0-10V analog signal. See page 3 for additional specifications.
-X indicates dimming options are available. See options at left. Blank = fixed current output
E332160
• Total Power: 150 Watts
• Input Voltage: 347-480 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• High Power Factor
• UL8750, EN61347
Rev 8-25-15


Similar Part No. - VLED150W-036-C4200-X-HV

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
VLED15 CUI-VLED15 Datasheet
146Kb / 5P
   LED DRIVER
VLED15 CUI-VLED15 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
171Kb / 5P
   LED DRIVER
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
146Kb / 5P
   LED DRIVER
More results

Similar Description - VLED150W-036-C4200-X-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com