Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLED150W-043-C3500-X-HV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VLED150W-043-C3500-X-HV
Description  Switch Mode LED Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED150W-043-C3500-X-HV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VLED150W-043-C3500-X-HV Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED150W-043-C3500-X-HV Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED150W-043-C3500-X-HV Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED150W-043-C3500-X-HV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
580mA Model
700 mA Model
1050mA Model
50%
Normalized Output Voltage
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
75%
70%
80%
85%
90%
95%
60%
70%
80%
90%
100%
Efficiency / Load
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
347Vac
480Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
1400mA Model
2100mA Model
2800mA Model
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
3500mA Model
4200mA Model
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
50%
Normalized Output Voltage
Power Factor / Output Voltage (700mA)
60%
70%
80%
90%
100%
50%
Normalized Output Voltage
THD / Output Voltage (700mA)
60%
70%
80%
90%
100%
347Vac
480Vac
347Vac
480Vac
0.60
0.65
0.80
0.75
0.70
0.85
0.95
0.90
1.00
0%
15%
10%
5%
20%
25%
VLED150W-HV Series


Similar Part No. - VLED150W-043-C3500-X-HV

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
VLED15 CUI-VLED15 Datasheet
146Kb / 5P
   LED DRIVER
VLED15 CUI-VLED15 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
171Kb / 5P
   LED DRIVER
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
146Kb / 5P
   LED DRIVER
More results

Similar Description - VLED150W-043-C3500-X-HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com