Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX562EAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX562EAI
Description  Complete 230kbps, 2.7V to 5.25V Serial Interface for Notebook Computers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX562EAI Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX562EAI Datasheet HTML 1Page - Maxim Integrated Products MAX562EAI Datasheet HTML 2Page - Maxim Integrated Products MAX562EAI Datasheet HTML 3Page - Maxim Integrated Products MAX562EAI Datasheet HTML 4Page - Maxim Integrated Products MAX562EAI Datasheet HTML 5Page - Maxim Integrated Products MAX562EAI Datasheet HTML 6Page - Maxim Integrated Products MAX562EAI Datasheet HTML 7Page - Maxim Integrated Products MAX562EAI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Complete 230kbps, 2.7V to 5.25V
Serial Interface for Notebook Computers
6
_______________________________________________________________________________________
_______________Detailed Description
The MAX562 has three sections: the charge-pump voltage
converter, the drivers (transmitters), and the receivers.
Charge-Pump Voltage Converter
The charge-pump voltage converter is used to produce a
positive and a negative supply to drive the transmitters. The
positive voltage (V+) is generated by a regulated charge
pump working as either a doubler or a tripler (depending on
the VCC level) and using capacitors C1A, C1B and C3 (see
Typical Operating Circuit). The negative voltage (V-) derives
from V+ using a simple charge-pump inverter that employs
capacitors C2 and C4.
These charge-pump converters are regulated to give output
voltages of +5.8V and -5.2V. Having regulated supplies
generated on-chip makes the MAX562's performance insen-
sitive to variations in VCC from 2.7V to 5.25V, transmitter load-
ing changes, and operating temperature changes.
When
SHDN is low, the charge pumps are disabled, V+ is
internally connected to VCC, and V- is internally connected to
GND.
EIA/TIA-562 Drivers
The driver output voltage is guaranteed to meet the ±3.7V
EIA/TIA-562 specification over the full range of operating
temperatures and voltages, when each transmitter is
loaded with up to 3k
Ω and operated up to 230kbps (see
Typical Operating Characteristics). The typical driver out-
put voltage swing exceeds ±4V with a 3k
Ω load on all
transmitter outputs. The open-circuit output voltage swing
is typically from (V+ - 0.7V) to (V- + 0.7V). Output swing is
not significantly dependent on VCC since the charge
pumps are regulated.
Input thresholds are CMOS and TTL compatible. Connect
unused inputs to VCC or to GND.
When
SHDN is low, the driver outputs are off and their leak-
age currents are less than 10µA, even if the transmitter
outputs are back-driven between -7V and +15V. Taking
SHDN low does not disable the receivers.
When
SHDN and EN are both low, the entire chip is
disabled and all outputs are high impedance. Power
consumption is lowest in this condition. Exiting shutdown
takes about 100µs, but depends on VCC. Figure 5 shows
SHDN
VOH
VOL
+3V
0V
OUTPUT DISABLE TIME (tDT)
+3V
-3V
0V
A. TIMING DIAGRAM
1 OR 0
TX
3k
50pF
B. TEST CIRCUIT
TRANSMITTER
OUTPUTS
Figure 3. Transmitter-Output Disable Timing
EN
VOH -1V,
VOL +1.6V
R_IN
R_OUT
1k
150pF
A. TEST CIRCUIT
B. ENABLE TIMING
EN INPUT
RECEIVER
OUTPUTS
+3V
0V
OUTPUT ENABLE TIME (tER)
VOH
VOL
EN
RECEIVER
OUTPUTS
EN
+3V
0V
OUTPUT DISABLE TIME (tDR)
VOH -0.5V
VOL +0.5V
EN INPUT
VOH
VOL
C. DISABLE TIMING
R_
Figure 4. Receiver-Output Enable and Disable Timing


Similar Part No. - MAX562EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX562 MAXIM-MAX562 Datasheet
116Kb / 8P
   3V-Powered, Low-Power, True RS-232 Transceiver
Rev 2; 2/94
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
MAX5621 MAXIM-MAX5621 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UCB MAXIM-MAX5621UCB Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX562EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
logo
Microchip Technology
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Maxim Integrated Produc...
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com